Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU52025G Fiches technique(PDF) 5 Page - Rohm

No de pièce BU52025G
Description  Omnipolar Detection Hall ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU52025G Fiches technique(HTML) 5 Page - Rohm

  BU52025G Datasheet HTML 1Page - Rohm BU52025G Datasheet HTML 2Page - Rohm BU52025G Datasheet HTML 3Page - Rohm BU52025G Datasheet HTML 4Page - Rohm BU52025G Datasheet HTML 5Page - Rohm BU52025G Datasheet HTML 6Page - Rohm BU52025G Datasheet HTML 7Page - Rohm BU52025G Datasheet HTML 8Page - Rohm BU52025G Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Technical Note
BU52001GUL,BU52011HFV,BU52021HFV,
BU52015GUL,BU52025G,BU52051NVX, BD7411G
5/19
www.rohm.com
2010.01 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
BU52051NVX , BU52011HFV (Unless otherwise specified, VDD=1.80V, Ta=25℃)
BU52021HFV,BU52025G (Unless otherwise specified, VDD=3.0V, Ta=25℃)
PARAMETERS
SYMBOL
LIMIT
UNIT
CONDITIONS
MIN
TYP
MAX
Power Supply Voltage
VDD
2.4
3.0
3.6
V
Operate Point
BopS
-
3.7
5.5
mT
BopN
-5.5
-3.7
-
Release Point
BrpS
0.8
2.9
-
mT
BrpN
-
-2.9
-0.8
Hysteresis
BhysS
-
0.8
-
mT
BhysN
-
0.8
-
Period
Tp
-
50
100
ms
Output High Voltage
VOH
VDD
-0.4
-
-
V
BrpN<B<BrpS
17
IOUT =-1.0mA
Output Low Voltage
VOL
-
-
0.4
V
B<BopN, BopS<B
17
IOUT =+1.0mA
Supply Current
IDD(AVG)
-
8
12
μA
Average
Supply Current During Startup Time
IDD (EN)
-
4.7
-
mA
During Startup Time Value
Supply CurrentDuring Standby Time
IDD (DIS)
-
3.8
-
μA
During Standby Time Value
17 B = Magnetic flux density
1mT=10Gauss
Positive (“+”) polarity flux is defined as the magnetic flux from south pole which is direct toward to the branded face of the sensor.
After applying power supply, it takes one cycle of period (TP) to become definite output.
Radiation hardiness is not designed.
BD7411G (Unless otherwise specified, VDD=5.0V, Ta=25℃)
PARAMETERS
SYMBOL
LIMIT
UNIT
CONDITIONS
MIN
TYP
MAX
Power Supply Voltage
VDD
4.5
5.0
5.5
V
Operate Point
BopS
-
3.4
5.6
mT
BopN
-5.6
-3.4
-
Release Point
BrpS
1.5
3.0
-
mT
BrpN
-
-3.0
-1.5
Hysteresis
BhysS
-
0.4
-
mT
BhysN
-
0.4
-
Output High Voltage
VOH
4.6
-
-
V
BrpN<B<BrpS
18
IOUT =-1.0mA
Output Low Voltage
VOL
-
-
0.4
V
B<BopN, BopS<B
18
IOUT =+1.0mA
Supply Current
IDD
-
2
4
mA
18 B = Magnetic flux density
1mT=10Gauss
Positive (“+”) polarity flux is defined as the magnetic flux from south pole which is direct toward to the branded face of the sensor.
Radiation hardiness is not designed.


Numéro de pièce similaire - BU52025G

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU52025G ROHM-BU52025G Datasheet
192Kb / 5P
   Hall effect Switch
BU52025G ROHM-BU52025G Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52025G ROHM-BU52025G Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs Line up of supply voltage
BU52025G ROHM-BU52025G Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52025G ROHM-BU52025G Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
More results

Description similaire - BU52025G

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52075GWZ ROHM-BU52075GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52493NUZ ROHM-BU52493NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52472NUZ ROHM-BU52472NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52001GUL ROHM-BU52001GUL_11 Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs Line up of supply voltage
BU52078GWZ ROHM-BU52078GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52272NUZ ROHM-BU52272NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com