Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU52040HFV Fiches technique(PDF) 3 Page - Rohm

No de pièce BU52040HFV
Description  Bipolar Latch Hall IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU52040HFV Fiches technique(HTML) 3 Page - Rohm

  BU52040HFV Datasheet HTML 1Page - Rohm BU52040HFV Datasheet HTML 2Page - Rohm BU52040HFV Datasheet HTML 3Page - Rohm BU52040HFV Datasheet HTML 4Page - Rohm BU52040HFV Datasheet HTML 5Page - Rohm BU52040HFV Datasheet HTML 6Page - Rohm BU52040HFV Datasheet HTML 7Page - Rohm BU52040HFV Datasheet HTML 8Page - Rohm BU52040HFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BU52040HFV
Technical Note
3/12
www.rohm.com
2010.01 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Figure of measurement circuit
Bop/Brp
VDD
VDD
GND
OUT
100μF
V
Tp
200Ω
VDD
VDD
GND
OUT
IDD
VDD
VDD
GND
OUT
2200μF
A
Oscilloscope
The period is monitored by Oscilloscope.
Bop and Brp are measured with applying the magnetic field
from the outside.
Fig.1
Bop,Brp measurement circuit
Fig.2
Tp measurement circuit
VOL
VDD
VDD
GND
OUT
100μF
V
IOUT=0.5mA
Fig.4
VOL measurement circuit
Fig.5
IDD measurement circuit
VOH
VDD
GND
OUT
100μF
V
IOUT=0.5mA
Fig.3
VOH measurement circuit
VDD


Numéro de pièce similaire - BU52040HFV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU52040HFV ROHM-BU52040HFV Datasheet
199Kb / 5P
   Bipolar latch type Hall effect IC
More results

Description similaire - BU52040HFV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU52040HFV ROHM-BU52040HFV Datasheet
199Kb / 5P
   Bipolar latch type Hall effect IC
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
logo
SeCoS Halbleitertechnol...
SH177 SECOS-SH177 Datasheet
488Kb / 5P
   Hall Effect Latch IC
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
   Hall Effect Latch / Bipolar Switch
logo
Unisonic Technologies
SK1816A UTC-SK1816A Datasheet
171Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT
logo
Allegro MicroSystems
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
logo
Unisonic Technologies
U18 UTC-U18_15 Datasheet
62Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
logo
Allegro MicroSystems
A1250 ALLEGRO-A1250_16 Datasheet
950Kb / 12P
   Hall-Effect Latch / Bipolar Switch
logo
Unisonic Technologies
SK1816M UTC-SK1816M Datasheet
200Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com