Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU9253AS Fiches technique(PDF) 1 Page - Rohm

No de pièce BU9253AS
Description  Karaoke/Surround Digital Echo
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU9253AS Fiches technique(HTML) 1 Page - Rohm

  BU9253AS Datasheet HTML 1Page - Rohm BU9253AS Datasheet HTML 2Page - Rohm BU9253AS Datasheet HTML 3Page - Rohm BU9253AS Datasheet HTML 4Page - Rohm BU9253AS Datasheet HTML 5Page - Rohm BU9253AS Datasheet HTML 6Page - Rohm BU9253AS Datasheet HTML 7Page - Rohm BU9253AS Datasheet HTML 8Page - Rohm BU9253AS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TECHNICAL NOTE
Audio Accessory ICs
Karaoke/Surround
Digital Echo
BU9253AS/FS, BU9262AFS
●Description
The Karaoke/Surround Digital Echo IC incorporates a digital delay circuit, an input/output mixing circuit, supporting Karaoke
echo and surround system, all in a single chip.
BU9253AS/FS has functions required by Karaoke echo system, and BU9262AFS has various functions required for
surround / echo system.
●Features
BU9253AS/FS>
1) Digital delay time : 131ms (fCLK = 375kHz)
2) Built-in mixing circuit for adding original sound and echo sound
3) Echo mix ratio settable by DC voltage
4) Built-in amplifier circuit for structuring input/output secondary LPF
5) Microphone mute function (mute of mixing sound of original sound + echo sound)
6) Built-in CR oscillation circuit
BU9262AFS>
1) Digital delay time : 8-stage setting from 9.2ms to 192ms
2) Built-in input/output mixing circuit
3) Built-in feedback, delay volume circuit
4) Built-in input/output LPF
5) Serial interface
6) Auto mute circuit built in (action at power on, mode switching)
7) Built-in auto reset circuit at power on
●Applications
Radio cassette recorder, mini-component and karaoke systems.
●Product lineup
Parameter
BU9253AS
BU9253FS
BU9262AFS
Supply voltage
4.0V~5.5V
4.0V~5.5V
4.5V~5.5V
Oscillation frequency
375kHz
375kHz
2MHz
Current consumption
6mA
6mA
20mA
Operating temperature range
-10~+70℃
-10~+70℃
-10~+70℃
Package
SDIP18
SSOP-A16
SSOP-A32
Digital delay
Fixed
Fixed
Variable
Echo level
Fixed
Fixed
Variable
Ver.B Oct.2005


Numéro de pièce similaire - BU9253AS

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU9253AS ROHM-BU9253AS Datasheet
72Kb / 6P
   KARAOKE echo IC
More results

Description similaire - BU9253AS

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC9488FG TOSHIBA-TC9488FG Datasheet
320Kb / 12P
   Digital Echo IC for Karaoke
logo
Rohm
BU9252S ROHM-BU9252S Datasheet
63Kb / 6P
   Audio digital delay (KARAOKE echo)
logo
Princeton Technology Co...
PT2396 PTC-PT2396 Datasheet
152Kb / 5P
   Digital Echo/Surround Processor IC
PT2396 PTC-PT2396_10 Datasheet
470Kb / 18P
   Digital Echo/Surround Processor IC
logo
Rohm
BU9253AS ROHM-BU9253AS Datasheet
72Kb / 6P
   KARAOKE echo IC
logo
Princeton Technology Co...
PT2398 PTC-PT2398 Datasheet
246Kb / 5P
   Echo/Surround Processor
logo
Rohm
BU9262AFS ROHM-BU9262AFS Datasheet
259Kb / 6P
   Digital surround / echo processor for audio application
BA7725S ROHM-BA7725S Datasheet
94Kb / 8P
   Analog compander for KARAOKE echo systems
logo
Mitsubishi Electric Sem...
M50195P MITSUBISHI-M50195P Datasheet
476Kb / 8P
   DIGITAL ECHO
logo
List of Unclassifed Man...
BL0306 ETC1-BL0306 Datasheet
32Kb / 2P
   Digital echo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com