Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU4940 Fiches technique(PDF) 7 Page - Rohm

No de pièce BU4940
Description  Low Voltage Standard CMOS Voltage Detector IC Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU4940 Fiches technique(HTML) 7 Page - Rohm

  BU4940 Datasheet HTML 1Page - Rohm BU4940 Datasheet HTML 2Page - Rohm BU4940 Datasheet HTML 3Page - Rohm BU4940 Datasheet HTML 4Page - Rohm BU4940 Datasheet HTML 5Page - Rohm BU4940 Datasheet HTML 6Page - Rohm BU4940 Datasheet HTML 7Page - Rohm BU4940 Datasheet HTML 8Page - Rohm BU4940 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Technical Note
7/8
BU48
□□G, BU48□□F, BU48□□FVE, BU49□□G, BU49□□F, BU49□□FVE series
www.rohm.com
2009.06 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
 Operation Notes
1 . Absolute maximum range
Absolute Maximum Ratings are those values beyond which the life of a device may be destroyed. We cannot be defined the
failure mode, such as short mode or open mode. Therefore a physical security countermeasure, like fuse, is to be given
when a specific mode to be beyond absolute maximum ratings is considered.
2 . GND potential
GND terminal should be a lowest voltage potential every state.
Please make sure all pins that are over ground even if include transient feature.
3 . Electrical Characteristics
Be sure to check the electrical characteristics, that are one the tentative specification will be changed by temperature,
supply voltage, and external circuit.
4 . Bypass Capacitor for Noise Rejection
Please put into the to reject noise between VDD pin and GND with 1uF over and between VOUT pin and GND with 1000pF.
If extremely big capacitor is used, transient response might be late. Please confirm sufficiently for the point.
5 . Short Circuit between Terminal and Soldering
Don’t short-circuit between Output pin and VDD pin, Output pin and GND pin, or VDD pin and GND pin. When soldering the
IC on circuit board please is unusually cautious about the orientation and the position of the IC. When the orientation is
mistaken the IC may be destroyed.
6 . Electromagnetic Field
Mal-function may happen when the device is used in the strong electromagnetic field.
7 .
The VDD line inpedance might cause oscillation because of the detection current.
8.
A VDD -GND capacitor (as close connection as possible) should be used in high VDD line impedance condition.
9 .
Lower than the mininum input voltage makes the VOUT high impedance, and it must be VDD in pull up (VDD) condition.
10.
Recommended value of RL Resistar is over 10k
Ω (VDET=1.5V~4.8V),
over 100k
Ω (VDET=0.9~1.4V).
11.
This IC has extremely high impedance terminals. Small leak current due to the uncleanness of PCB surface might cause
unexpected operations. Application values in these conditions should be selected carefully. If 10M
Ω leakage is assumed
between the CT terminal and the GND terminal, 1M
Ω connection between the CT terminal and the VDD terminal would be
recommended. Also, if the leakage is assumed between the VOUT terminal and the GND terminal, the pull up resistor
should be less than 1/10 of the assumed leak resistance.
12. External parameters
For RL, the recommended range is 10k
Ω~1MΩ. There are many factors (board layout, etc) that can affect characteristics.
Please verify and confirm using practical applications.
13. Power on reset operation
Please note that the power on reset output varies with the Vcc rise up time. Please verify the actual operation.
14. Precautions for board inspection
Connecting low-impedance capacitors to run inspections with the board may produce stress on the IC. Therefore, be
certain to use proper discharge procedure before each process of the test operation.
To prevent electrostatic accumulation and discharge in the assembly process, thoroughly ground yourself and any
equipment that could sustain ESD damage, and continue observing ESD-prevention procedures in all handing, transfer
and storage operations. Before attempting to connect components to the test setup, make certain that the power supply is
OFF. Likewise, be sure the power supply is OFF before removing any component connected to the test setup.
15. When the power supply, is turned on because of incertain cases, momentary Rash-current flow into the IC at the logic
unsettled, the couple capacitance, GND pattern of width and leading line must be considered.


Numéro de pièce similaire - BU4940

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4940 ROHM-BU4940 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4940 ROHM-BU4940 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
BU4940 ROHM-BU4940 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4940 ROHM-BU4940 Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4940 ROHM-BU4940 Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
More results

Description similaire - BU4940

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com