Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU4946 Fiches technique(PDF) 8 Page - Rohm

No de pièce BU4946
Description  Low Voltage Standard CMOS Voltage Detector IC Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU4946 Fiches technique(HTML) 8 Page - Rohm

  BU4946 Datasheet HTML 1Page - Rohm BU4946 Datasheet HTML 2Page - Rohm BU4946 Datasheet HTML 3Page - Rohm BU4946 Datasheet HTML 4Page - Rohm BU4946 Datasheet HTML 5Page - Rohm BU4946 Datasheet HTML 6Page - Rohm BU4946 Datasheet HTML 7Page - Rohm BU4946 Datasheet HTML 8Page - Rohm BU4946 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Technical Note
8/8
BU48
□□G, BU48□□F, BU48□□FVE, BU49□□G, BU49□□F, BU49□□FVE series
www.rohm.com
2009.06 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
 Part Number Selection
B
U
4
8
0
9
G
T
R
BU48: Standard CMOS reset IC
Detection voltage
Package
Taping Specifications
Open drain type
09: 0.9V (0.1V step)
G: SSOP5
Embossed Taping
BU49: Standard CMOS reset IC
48: 4.8V
F: SOP4
CMOS Output type
FVE: VSOF5
(Unit : mm)
SSOP5
2.9
±0.2
0.13
+6°
−4°
+0.05
−0.03
0.42
+0.05
−0.04
0.95
5
4
12
3
0.1
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
()
1pin
(Unit : mm)
VSOF5
4
3
1.0
±0.05
1
0.22
±0.05
0.5
5
1.6
±0.05
0.13
±0.05
2
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
()
1pin
(Unit : mm)
SOP4
0.05
1.3
2.0
±0.2
12
43
+6°
–4°
0.13
+0.05
–0.03
0.32
+0.05
–0.04
0.42
+0.05
–0.04
S
0.1
S
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
()
1pin


Numéro de pièce similaire - BU4946

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4946 ROHM-BU4946 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4946 ROHM-BU4946 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
BU4946 ROHM-BU4946 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4946 ROHM-BU4946 Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4946 ROHM-BU4946 Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
More results

Description similaire - BU4946

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com