Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU2152FS-E2 Fiches technique(PDF) 3 Page - Rohm

No de pièce BU2152FS-E2
Description  Serial / Parallel 4-input Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU2152FS-E2 Fiches technique(HTML) 3 Page - Rohm

  BU2152FS-E2 Datasheet HTML 1Page - Rohm BU2152FS-E2 Datasheet HTML 2Page - Rohm BU2152FS-E2 Datasheet HTML 3Page - Rohm BU2152FS-E2 Datasheet HTML 4Page - Rohm BU2152FS-E2 Datasheet HTML 5Page - Rohm BU2152FS-E2 Datasheet HTML 6Page - Rohm BU2152FS-E2 Datasheet HTML 7Page - Rohm BU2152FS-E2 Datasheet HTML 8Page - Rohm BU2152FS-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
BU2050F,BU2092F,BU2092FV,BU2099FV,BD7851FP,BU2152FS
Technical Note
3/24
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical characteristics
BU2050F (Unless otherwise noted, Ta=25℃, VDD=4.5 to 5.5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Power Supply Voltage
VDD
4.5
-
5.5
V
Input high-level Voltage
VIH
0.7VDD
-
VDD
V
Input low-level Voltage
VIL
VSS
-
0.3VDD
V
Input Hysteresis
VHYS
-
0.5
-
V
Output high-level Voltage
VOHD
VDD-1.5
-
VDD
V
IOH=-25mA
VDD-1.0
-
VDD
IOH=-15mA
VDD-0.5
-
VDD
IOH=-10mA
Output low-level Voltage
VOLD
VSS
-
1.5
V
IOL=25mA
VSS
-
0.8
IOL=15mA
VSS
-
0.4
IOL=10mA
Quiescent Current
IDD
-
-
0.1
mA
VIH=VDD, VIL=VSS
BU2092F/BU2092FV (Unless otherwise noted, Ta=25℃, VSS=0V, VDD=5.0V/3.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Power Supply Voltage
VDD
2.7
-
5.5
V
Input high-level Voltage
VIH
3.5 / 2.5
-
-
V
VDD=5V/3V
Input low-level Voltage
VIL
-
-
1.5 / 0.4
V
VDD=5V/3V
Output low-level Voltage
VOL
-
-
2.0 / 1.0
V
VDD=5V/3V,
IOL=20mA/5mA
Output high-level disable Current
IOZH
-
-
10.0
μA
VO=25.0V
Output low-level disable Current
IOZL
-
-
-5.0
μA
VO=0V
Quiescent Current
IDD
-
-
5.0 / 3.0
μA
VIN=VSS or VDD
(VDD=5V/3V)
OUTPUT:OPEN
BU2099FV (Unless otherwise noted, Ta=25℃, VSS=0V, VDD=5.0V/3.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Power Supply Voltage
VDD
2.7
-
5.5
V
Input high-level Voltage
VIH
3.5 / 2.1
-
-
V
VDD=5V/3V
Input low-level Voltage
VIL
-
-
1.5 / 0.9
V
VDD=5V/3V
Output high-level Voltage (SO)
VOH
VDD-0.5
/ VDD-0.3
-
-
V
VDD=5V/3V,
IOH=-400μA/-100μA
Output low-level Voltage 1 (Qx)
VOL1
-
-
1.0
V
VDD=5V/3V,
IOL1=10mA/5mA
-
-
1.5
VDD=5V, IOL1=15mA
-
-
2.0
VDD=5V, IOL1=20mA
Output low-level Voltage 2 (SO)
VOL2
-
-
0.4 / 0.3
V
VDD=5V/3V,
IOL2=1.5mA/0.5mA
Output high-level disable Current
(Qx)
IOZH
-
-
10
μA
VO=25.0V
Output low-level disable Current
(Qx)
IOZL
-
-
-5.0
μA
VO=0V
IPULLDOWN (OE)
IPD
-
-
150 / 60
μA
OE= VDD, VDD=5V/3V
Low Voltage Reset
VCLR
1.1
-
2.4
V
Quiescent Current
IDD
-
-
200
μA
VIN=VSS or VDD,
VDD=5V
OUTPUT:OPEN


Numéro de pièce similaire - BU2152FS-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU2152FS-E2 ROHM-BU2152FS-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2152FS-E2 ROHM-BU2152FS-E2 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
More results

Description similaire - BU2152FS-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090F ROHM-BU2090F_15 Datasheet
1Mb / 16P
   2-input Serial- in / Parallel- out Drivers
logo
Micrel Semiconductor
MIC5800 MICREL-MIC5800 Datasheet
114Kb / 6P
   4/8-Bit Parallel-Input Latched Drivers
MIC5800 MICREL-MIC5800_15 Datasheet
560Kb / 11P
   4/8-Bit Parallel-Input Latched Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com