Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU4094BCFV Fiches technique(PDF) 8 Page - Rohm

No de pièce BU4094BCFV
Description  High Voltage CMOS Logic ICs Logic>
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU4094BCFV Fiches technique(HTML) 8 Page - Rohm

Back Button BU4094BCFV Datasheet HTML 4Page - Rohm BU4094BCFV Datasheet HTML 5Page - Rohm BU4094BCFV Datasheet HTML 6Page - Rohm BU4094BCFV Datasheet HTML 7Page - Rohm BU4094BCFV Datasheet HTML 8Page - Rohm BU4094BCFV Datasheet HTML 9Page - Rohm BU4094BCFV Datasheet HTML 10Page - Rohm BU4094BCFV Datasheet HTML 11Page - Rohm BU4094BCFV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Technical Note
BU4015B,BU4015BF,BU4021B,BU4021BF,
BU4094BC,BU4094BCF,BU4094BCFV,BU4538B,BU4028B
8/17
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics Curves(BU4015B)
0
10
20
30
40
50
0
5
10
15
20
Output Voltage [V]
0
10
20
30
40
50
0
5
10
15
20
Output Voltage [V]
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
600
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
600
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
20
40
60
80
100
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
600
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
Fig.6 Propagation delay tPHL
RESET→Q
Fig.3 Propagation delay tPLH
CLK→Q
Fig.7Set up time tsu
Q→CLK
Fig.8 Hold time th
CLK→Q
Fig.9 Minimum CLK pulse width
Fig.4 Propagation delay tPHL
CLK→Q
Fig.5 Propagation delay tPLH
RESET→Q
VDD=3[V]
VDD=3[V]
VDD=3[V]
VDD=5[V]
VDD=5[V]
VDD=5[V]
VDD=10[V]
VDD=10[V]
VDD=16[V]
VDD=16[V]
VDD=16[V]
VDD=10[V]
VDD=3[V]
VDD=5[V]
VDD=16[V]
VDD=10[V]
-40[℃]
25[℃]
85[℃]
VDD=5[V]
VDD=16[V]
VDD=10[V]
Fig.10Minimum RESET
pulse width
VDD=3[V]
VDD=5[V]
VDD=16[V]
VDD=10[V]
VDD=3[V]
VDD=5[V]
VDD=3[V]
VDD=3[V]
VDD=5[V]
VDD=10[V]
VDD=16[V]
-40[℃]
25[℃]
85[℃]
Fig.2 Output sink
current-voltage
Fig.1 Output source
current-voltage
-40[℃]
25[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
Switching characteristics
VDD=10[V]
VDD=15[V]
VDD=5[V]
VDD=10[V]
VDD=15[V]
VDD=5[V]
90%
50%
10%
20[ns]
20[ns]
D (入力データ)
90%
50%
10%
tsu
CLOCK
20[ns]
90%
50%
10%
tPLH
tPHL
tTLH
tTHL
Q0 (出力データ)
tWH
tWL
20[ns]
th
VDD
GND(VSS)
VDD
GND(VSS)
VOH
VOL
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
VDD=10[V]
VDD=16[V]
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
[BU4015B/F]
[BU4015B/F]
[BU4015B/F]
[BU4015B/F]
[BU4015B/F]
[BU4015B/F]
[BU4015B/F]
[BU4015B/F]
[BU4015B/F]
[BU4015B/F]
D (Input data)
Q0 (Output data)


Numéro de pièce similaire - BU4094BCFV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4094BCFV ROHM-BU4094BCFV Datasheet
88Kb / 5P
   8-bit compatible shift / store register
BU4094BCFV ROHM-BU4094BCFV Datasheet
1Mb / 23P
   8bit Static Shift/Store Register
BU4094BCFV-E2 ROHM-BU4094BCFV-E2 Datasheet
1Mb / 23P
   8bit Static Shift/Store Register
More results

Description similaire - BU4094BCFV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4001B ROHM-BU4001B_11 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4001B ROHM-BU4001B_09 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC_09 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC_11 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4SU69G2-TR ROHM-BU4SU69G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S11G2-TR ROHM-BU4S11G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S71G2-TR ROHM-BU4S71G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S81G2-TR ROHM-BU4S81G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
logo
Silicon Supplies
CD4013B SS-CD4013B Datasheet
692Kb / 6P
   CMOS High Voltage Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com