Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU2508FV Fiches technique(PDF) 7 Page - Rohm

No de pièce BU2508FV
Description  High-precision 10bit 4ch-E6ch Type D/A Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU2508FV Fiches technique(HTML) 7 Page - Rohm

  BU2508FV_09 Datasheet HTML 1Page - Rohm BU2508FV_09 Datasheet HTML 2Page - Rohm BU2508FV_09 Datasheet HTML 3Page - Rohm BU2508FV_09 Datasheet HTML 4Page - Rohm BU2508FV_09 Datasheet HTML 5Page - Rohm BU2508FV_09 Datasheet HTML 6Page - Rohm BU2508FV_09 Datasheet HTML 7Page - Rohm BU2508FV_09 Datasheet HTML 8Page - Rohm BU2508FV_09 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BU2508FV,BU2507FV
Technical Note
7/8
www.rohm.com
2009.06 - Rev.A
© 2009 RzOHM Co., Ltd. All rights reserved.
Equivalent Circuits
*1: 25kΩ at Vcc = 5.0V (changes according to voltage supplied)
Standard Example Application Circuit
Operation Notes
Ensure that a constant voltage is supplied to each of the 1 ground and 3 power supply terminals.
Insert a bypass capacitor between each power supply terminal and ground in order to prevent deterioration of the D/A
conversion accuracy due to ripple and noise signals.
A capacitor should be inserted between the output and ground in order to eliminate jitter and noise.
A capacitance up to 100pF is recommended (including the capacitance of the wire).
Inserting a capacitor between the RESET terminal and GND and utilizing a time constant enables power ON reset functionality.
Furthermore, when inputting the reset signal from the controller, it is possible to fix the output of all channels to Low at the
low area of pulse.
1
to
inside
2
to
inside
*1
3
from
inside
4
5
6
4
5
6
AO 1
AO 2
AO 3
VrefH
VrefL
VC C
GN D
AO 6
DI
CLK
LD
C ontroller
CH 1
CH 2
CH 3
CH 6
Reset


Numéro de pièce similaire - BU2508FV_09

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
More results

Description similaire - BU2508FV_09

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
BH2227FV ROHM-BH2227FV_09 Datasheet
257Kb / 9P
   Standard 8bit 4ch-E6ch Type D/A Converters
BU2507FV ROHM-BU2507FV_15 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
BU2506FV ROHM-BU2506FV_09 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2506FV ROHM-BU2506FV_11 Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2505FV ROHM-BU2505FV_15 Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
BH2227FV ROHM-BH2227FV_11 Datasheet
235Kb / 9P
   Standard 8bit 4ch??ch Type D/A Converters
BH2227FV ROHM-BH2227FV_15 Datasheet
1Mb / 18P
   D/A Converters Standard 8bit 4ch ??6ch Type
logo
Asahi Kasei Microsystem...
AK5483 AKM-AK5483 Datasheet
93Kb / 14P
   10Bit 20MHz 3CH A/D Converter
logo
Rohm
BU2505FV ROHM-BU2505FV Datasheet
49Kb / 4P
   10bit 10-channel D/A converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com