Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU1570KN Fiches technique(PDF) 7 Page - Rohm

No de pièce BU1570KN
Description  AIE: Adaptive Image Enhancer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU1570KN Fiches technique(HTML) 7 Page - Rohm

  BU1570KN_09 Datasheet HTML 1Page - Rohm BU1570KN_09 Datasheet HTML 2Page - Rohm BU1570KN_09 Datasheet HTML 3Page - Rohm BU1570KN_09 Datasheet HTML 4Page - Rohm BU1570KN_09 Datasheet HTML 5Page - Rohm BU1570KN_09 Datasheet HTML 6Page - Rohm BU1570KN_09 Datasheet HTML 7Page - Rohm BU1570KN_09 Datasheet HTML 8Page - Rohm BU1570KN_09 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BU1570KN, BU1571KN
Technical Note
7/8
www.rohm.com
2009.04- Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Cautions on use
(1)Absolute Maximum Ratings
An excess in the absolute maximum ratings, such as supply voltage, temperature range of operating conditions, etc., can break
down devices, thus making impossible to identify breaking mode such as a short circuit or an open circuit. If any special mode
exceeding the absolute maximum ratings is assumed, consideration should be given to take physical safety measures
including the use of fuses, etc.
(2)Operating conditions
These conditions represent a range within which characteristics can be provided approximately as expected. The electrical
characteristics are guaranteed under the conditions of each parameter.
(3)Reverse connection of power supply connector
The reverse connection of power supply connector can break down ICs. Take protective measures against the breakdown due
to the reverse connection, such as mounting an external diode between the power supply and the IC’s power supply terminal.
(4)Power supply line
Design PCB pattern to provide low impedance for the wiring between the power supply and the GND lines.
In this regard, for the digital block power supply and the analog block power supply, even though these power supplies has the
same level of potential, separate the power supply pattern for the digital block from that for the analog block, thus suppressing
the diffraction of digital noises to the analog block power supply resulting from impedance common to the wiring patterns. For
the GND line, give consideration to design the patterns in a similar manner.
Furthermore, for all power supply terminals to ICs, mount a capacitor between the power supply and the GND terminal. At the
same time, in order to use an electrolytic capacitor, thoroughly check to be sure the characteristics of the capacitor to be used
present no problem including the occurrence of capacity dropout at a low temperature, thus determining the constant.
(5)GND voltage
Make setting of the potential of the GND terminal so that it will be maintained at the minimum in any operating state.
Furthermore, check to be sure no terminals are at a potential lower than the GND voltage including an actual electric transient.
(6)Short circuit between terminals and erroneous mounting
In order to mount ICs on a set PCB, pay thorough attention to the direction and offset of the ICs. Erroneous mounting can break
down the ICs. Furthermore, if a short circuit occurs due to foreign matters entering between terminals or between the terminal
and the power supply or the GND terminal, the ICs can break down.
(7)Operation in strong electromagnetic field
Be noted that using ICs in the strong electromagnetic field can malfunction them.
(8)Inspection with set PCB
On the inspection with the set PCB, if a capacitor is connected to a low-impedance IC terminal, the IC can suffer stress.
Therefore, be sure to discharge from the set PCB by each process. Furthermore, in order to mount or dismount the set PCB
to/from the jig for the inspection process, be sure to turn OFF the power supply and then mount the set PCB to the jig. After the
completion of the inspection, be sure to turn OFF the power supply and then dismount it from the jig. In addition, for protection
against static electricity, establish a ground for the assembly process and pay thorough attention to the transportation and the
storage of the set PCB.
(9)Input terminals
In terms of the construction of IC, parasitic elements are inevitably formed in relation to potential. The operation of the parasitic
element can cause interference with circuit operation, thus resulting in a malfunction and then breakdown of the input terminal.
Therefore, pay thorough attention not to handle the input terminals, such as to apply to the input terminals a voltage lower than
the GND respectively, so that any parasitic element will operate. Furthermore, do not apply a voltage to the input terminals
when no power supply voltage is applied to the IC. In addition, even if the power supply voltage is applied, apply to the input
terminals a voltage lower than the power supply voltage or within the guaranteed value of electrical characteristics.
(10)Ground wiring pattern
If small-signal GND and large-current GND are provided, It will be recommended to separate the large-current GND pattern
from the small-signal GND pattern and establish a single ground at the reference point of the set PCB so that resistance to the
wiring pattern and voltage fluctuations due to a large current will cause no fluctuations in voltages of the small-signal GND. Pay
attention not to cause fluctuations in the GND wiring pattern of external parts as well.
(11)External capacitor
In order to use a ceramic capacitor as the external capacitor, determine the constant with consideration given to a degradation
in the nominal capacitance due to DC bias and changes in the capacitance due to temperature, etc.


Numéro de pièce similaire - BU1570KN_09

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU1570KN ROHM-BU1570KN Datasheet
383Kb / 6P
   Camera Image Adaptive Enhancer IC for security devices
More results

Description similaire - BU1570KN_09

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU1570KN ROHM-BU1570KN Datasheet
383Kb / 6P
   Camera Image Adaptive Enhancer IC for security devices
logo
National Semiconductor ...
LM1270 NSC-LM1270 Datasheet
1Mb / 27P
   Hi-Brite 200 MHz I2C Compatible RGB Image Enhancer with Video Auto Sizing
logo
New Japan Radio
NJM2209 NJRC-NJM2209 Datasheet
196Kb / 4P
   VIDEO PICTURE ENHANCER
logo
Digital View Ltd
IE-1000 DIGITALVIEW-IE-1000 Datasheet
2Mb / 2P
   The Digital View IE-1000 image enhancer board, improves 10 bit 120Hz display.
logo
CML Microcircuits
FX002 CMLMICRO-FX002 Datasheet
112Kb / 7P
   Signal to Noise Enhancer
logo
Weidmuller
9204550000 WEIDMULLER-9204550000 Datasheet
137Kb / 2P
   AIE M-SPX 0.25-1.5 S
September 28, 2021
logo
Intersil Corporation
QHX220 INTERSIL-QHX220 Datasheet
1Mb / 19P
   Active Isolation Enhancer and Interference Canceller
logo
Renesas Technology Corp
QHX220 RENESAS-QHX220 Datasheet
1Mb / 19P
   Active Isolation Enhancer and Interference Canceller
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com