Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU4S66G2-TR Fiches technique(PDF) 4 Page - Rohm

No de pièce BU4S66G2-TR
Description  Single Gate CMOS Logic ICs Switch>
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU4S66G2-TR Fiches technique(HTML) 4 Page - Rohm

  BU4S66G2-TR Datasheet HTML 1Page - Rohm BU4S66G2-TR Datasheet HTML 2Page - Rohm BU4S66G2-TR Datasheet HTML 3Page - Rohm BU4S66G2-TR Datasheet HTML 4Page - Rohm BU4S66G2-TR Datasheet HTML 5Page - Rohm BU4S66G2-TR Datasheet HTML 6Page - Rohm BU4S66G2-TR Datasheet HTML 7Page - Rohm BU4S66G2-TR Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BU4S66G2
Technical Note
4/7
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics Curves
0
50
100
150
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
50
100
150
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
50
100
150
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
50
100
150
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
50
100
150
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
Fig.7 Propagation delay tPZL
(CONT-OUT)
0
100
200
300
400
0
5
10
15
Input Voltage [V]
Fig.1 Output current-voltage
Fig.2 Propagation delay tPLH
(IN-OUT)
Fig.3 Propagation delay tPHL
(IN-OUT)
Fig.4 Propagation delay tPHZ
(CONT-OUT)
Fig.5 Propagation delay tPLZ
(CONT-OUT)
Fig.6 Propagation delay tPZH
(CONT-OUT)
VDD=3[V]
VDD=16[V]
VDD=10[V]
VDD=5[V]
VDD=3[V]
VDD=16[V]
VDD=10[V]
VDD=5[V]
VDD=3[V]
VDD=5[V]
VDD=10[V]
VDD=16[V]
VDD=3[V]
VDD=5[V]
VDD=10[V]
VDD=16[V]
VDD=3[V]
VDD=5[V]
VDD=10[V]
VDD=16[V]
-40[℃]
25[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
VDD=10[V]
VDD=15[V]
VDD=5[V]
[BU4S66G2]
Operating Temperature Range
[BU4S66G2]
Operating Temperature Range
Operating Temperature Range
[BU4S66G2]
[BU4S66G2]
Operating Temperature Range
Operating Temperature Range
[BU4S66G2]
[BU4S66G2]
0
50
100
150
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
VDD=3[V]
VDD=5[V]
VDD=10[V]
VDD=16[V]
Operating Temperature Range
[BU4S66G2]


Numéro de pièce similaire - BU4S66G2-TR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4S66G2-TR ROHM-BU4S66G2-TR Datasheet
1Mb / 16P
   Single Analog Switch
More results

Description similaire - BU4S66G2-TR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4S11G2-TR ROHM-BU4S11G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4SU69G2-TR ROHM-BU4SU69G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S71G2-TR ROHM-BU4S71G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S81G2-TR ROHM-BU4S81G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4066BC ROHM-BU4066BC_09 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC_11 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4001B ROHM-BU4001B_11 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4001B ROHM-BU4001B_09 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
logo
Torex Semiconductor
XC74UL4066M TOREX-XC74UL4066M Datasheet
57Kb / 10P
   CMOS Logic Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com