Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL2731M Fiches technique(PDF) 9 Page - Fairchild Semiconductor

No de pièce HCPL2731M
Description  Low Input Current High Gain Split Darlington Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2731M Fiches technique(HTML) 9 Page - Fairchild Semiconductor

Back Button HCPL2731M Datasheet HTML 5Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 6Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 7Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 8Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 9Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 10Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 11Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 12Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138M, 6N139M, HCPL2730M, HCPL2731M Rev. 1.0.2
9
Test Circuits
Pulse Gen
CM
V
VFF
B
A
+-
+5 V
O
V
-
IF
3
4
F
V
2
1
Shield
Noise
6
O
5
GND
7
8
V
B
V
CC
V
L
R
PLH
OL
V
VO
5 V
1.5 V
F
I
1.5 V
T
PHL
T
Switch at A : I = 0 mA
F
Switch at B : I = 1.6 mA
F
tr
VO
O
V
OL
V
5 V
0 V
10%
10%
90%
CM
V
10 V
4
5
Noise
1
2
3
Shield
8
7
6
+5 V
O
V
VCC
V01
V02
GND
VF1
-
+
F2
V
F
I
+
F
I
MONITOR
L
R
0.1 µF
GND
+
-
F2
V
VF1
-
+5 V
CC
V
L
V02
V
R
01
VO
VCM
A
B
Pulse Gen
F
I
+-
+
3
I Monitor
F
4
I/ƒ < 100µs
10% Duty
Cycle
tr = 5ns
Generator
Pulse
Z = 50Ω
O
VF
IF
2
1
VO
O
6
5
GND
7
8
V
B
V
L
R
CC
V
+5 V
0.1 µF
L
C = 15 pF*
Test Circuit for 6N138M, 6N139M
0.1 µF
Test Circuit for HCPL2730M and HCPL2731M
Test Circuit for 6N138M and 6N139M
Test Circuit for HCPL2730M and HCPL2731M
f
t
FF
V
m
R
Rm
90%
1
3
4
2
Shield
Noise
8
6
5
7
Shield
Noise
-
C = 15 pF*
L
0.1 µF
I/ƒ < 100µs
10% Duty
Cycle
tr = 5ns
Generator
Pulse
Z = 50Ω
O
Fig. 13 Switching Time Test Circuit
Fig. 14 Common Mode Immunity Test Circuit


Numéro de pièce similaire - HCPL2731M

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL2731M FAIRCHILD-HCPL2731M Datasheet
442Kb / 14P
   Low current ??0.5mA
More results

Description similaire - HCPL2731M

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com