Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN6982 Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FAN6982
Description  CCM Power Factor Correction Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6982 Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN6982 Datasheet HTML 3Page - Fairchild Semiconductor FAN6982 Datasheet HTML 4Page - Fairchild Semiconductor FAN6982 Datasheet HTML 5Page - Fairchild Semiconductor FAN6982 Datasheet HTML 6Page - Fairchild Semiconductor FAN6982 Datasheet HTML 7Page - Fairchild Semiconductor FAN6982 Datasheet HTML 8Page - Fairchild Semiconductor FAN6982 Datasheet HTML 9Page - Fairchild Semiconductor FAN6982 Datasheet HTML 10Page - Fairchild Semiconductor FAN6982 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6982 • Rev. 1.0.1
7
Electrical Characteristics (Continued)
Unless otherwise noted; VDD=15V, TA= 25°C, TA=TJ, RT=27kΩ, and CT=1000pF.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage Error Amplifier
VREF
Reference Voltage
2.45
2.50
2.55
V
AV
Open-Loop Gain
(3)
At TA=25°C
35
42
dB
GmV
Transconductance
VNONINV=VINV, VVEA=3.75V at TA=25°C
50
70
90
µmho
IFBPFC-L
Maximum Source Current
VFBPFC=2V, VVEA=1.5V
40
50
µA
IFBPFC-H
Maximum Sink Current
VFBPFC=3V, VVEA=6V
-50
-40
µA
IBS
Input Bias Current
-1
1
µA
VVEA-H
Output High Voltage on VVEA
5.8
6.0
V
VVEA-L
Output Low Voltage on VVEA
0.1
0.4
V
Current Error Amplifier
VISENSE
Input Voltage Range
-1.5
0.7
V
AI
Open-Loop Gain
(3)
At TA=25°C
40
50
dB
GmI
Transconductance
VNONINV=VINV, VIEA=3.75V
75
88
100
µmho
VOFFSET
Input Offset Voltage
VVEA=0V, IAC Open
-10
10
mV
VIEA-H
Output High Voltage
6.8
7.4
8.0
V
VIEA-L
Output Low Voltage
0.1
0.4
V
IL
Source Current
VISENSE= -0.6V, VIEA=1.5V
35
50
µA
IH
Sink Current
VISENSE= +0.6V, VIEA=4.0V
-50
-35
µA
PFC OVP Comparator
VFBPFC-OVP
Over Voltage Protection
2.70
2.75
2.80
V
VFBPFC-OVP PFC OVP Hysteresis
200
250
300
mV
Low-Power Detect Comparator
VVEA-OFF
VEA Voltage Off OPFC
0.2
0.3
0.4
V
PFC Soft-Start
VVEA_CLAMP
PFC Soft-Start
VFBPFC < 2.4V
2.2
2.8
3.3
V
EN Section
VEN-H
High Voltage Level of VEN
VEN=VVREF
7.4
7.5
7.6
V
VEN-L
Low Voltage Level of VEN
VEN=GND
0
V
Range
VVRMS-L
RMS AC Voltage Low
When VVRMS=1.95V at 132VRMS
1.90
1.95
20.00
V
VVRMS-H
RMS AC Voltage High
When VVRMS=2.45V at 150 VRMS
2.40
2.45
2.50
V
VVEA-L
VEA Low
When VVEA=1.95V at 30% Loading
1.90
1.95
2.00
V
VVEA-H
VEA High
When VVEA=2.45V at 40% Loading
2.40
2.45
2.50
V
ITC
Source Current from FBPFC
18
20
22
µA
Continued on the following page…


Numéro de pièce similaire - FAN6982

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN6982 FAIRCHILD-FAN6982 Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
More results

Description similaire - FAN6982

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
ICE2PCS03 INFINEON-ICE2PCS03 Datasheet
507Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 10 Oct 2007
ICE3PCS02G INFINEON-ICE3PCS02G Datasheet
457Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE2PCS05 INFINEON-ICE2PCS05 Datasheet
541Kb / 22P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 1.0, 09 Oct 2008
ICE1PCS01 INFINEON-ICE1PCS01 Datasheet
849Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V 1.1, 28 May 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com