Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RZR040P01 Fiches technique(PDF) 1 Page - Rohm

No de pièce RZR040P01
Description  1.5V Drive Pch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

RZR040P01 Fiches technique(HTML) 1 Page - Rohm

  RZR040P01 Datasheet HTML 1Page - Rohm RZR040P01 Datasheet HTML 2Page - Rohm RZR040P01 Datasheet HTML 3Page - Rohm RZR040P01 Datasheet HTML 4Page - Rohm RZR040P01 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.A
1.5V Drive Pch MOSFET
RZR040P01
Structure
Dimensions (Unit : mm)
Silicon P-channel MOSFET
Features
1) Low on-resistance.
2) High power package.
3) Low voltage drive. (1.5V)
Applications
Switching
Packaging specifications
Inner circuit
Package
Code
Taping
Basic ordering unit (pieces)
RZR040P01
TL
3000
Type
Absolute maximum ratings (Ta=25
°C)
∗1
∗2
∗1
Parameter
V
VDSS
Symbol
V
VGSS
A
ID
A
IDP
A
IS
A
ISP
W
PD
°C
Tch
°C
Tstg
Limits
Unit
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation
Channel temperature
Range of Storage temperature
Continuous
Pulsed
Continuous
Pulsed
∗1 Pw≤10µs, Duty cycle≤1%
∗2 When mounted on a ceramic board
Source current
(Body diode)
−12
150
−55 to +150
±10
±4
±16
−0.8
−16
1.0
Thermal resistance
Parameter
°C / W
Rth(ch-a)
Symbol
Limits
Unit
Channel to ambient
∗ When mounted on a ceramic board.
125
Each lead has same dimensions
(1) Gate
(2) Source
(3) Drain
TSMT3
0~0.1
0.16
0.85
1.0MAX
0.7
(2)
(1)
(3)
2.9
1.9
0.95
0.95
0.4
Abbreviated symbol : YE
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
(1) Gate
(2) Source
(3) Drain
∗2
∗1
(1)
(2)
(3)


Numéro de pièce similaire - RZR040P01

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
RZR040P01TL VBSEMI-RZR040P01TL Datasheet
496Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Description similaire - RZR040P01

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
TT8J11 ROHM-TT8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J1 ROHM-TT8J1_09 Datasheet
230Kb / 6P
   1.5V Drive PchPch MOSFET
QS8J12 ROHM-QS8J12 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J13 ROHM-TT8J13 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
QS6J11 ROHM-QS6J11 Datasheet
227Kb / 5P
   1.5V Drive PchPch MOSFET
QS8J1 ROHM-QS8J1 Datasheet
190Kb / 6P
   1.5V Drive PchPch MOSFET
US6J11 ROHM-US6J11_09 Datasheet
239Kb / 5P
   1.5V Drive PchPch MOSFET
TT8J21 ROHM-TT8J21_09 Datasheet
201Kb / 6P
   1.5V Drive PchPch MOSFET
QS8J11 ROHM-QS8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
RZL025P01 ROHM-RZL025P01 Datasheet
209Kb / 6P
   1.5V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com