Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RZQ050P01 Fiches technique(PDF) 3 Page - Rohm

No de pièce RZQ050P01
Description  1.5V Drive Pch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

RZQ050P01 Fiches technique(HTML) 3 Page - Rohm

  RZQ050P01 Datasheet HTML 1Page - Rohm RZQ050P01 Datasheet HTML 2Page - Rohm RZQ050P01 Datasheet HTML 3Page - Rohm RZQ050P01 Datasheet HTML 4Page - Rohm RZQ050P01 Datasheet HTML 5Page - Rohm RZQ050P01 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RZQ050P01
Data Sheet
3/5
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.01 - Rev.A
Electrical characteristic curves
1
10
100
1000
0.1
1
10
VGS= -1.5V
Pulsed
Ta=125℃
Ta= 75℃
Ta= 25℃
Ta=-25℃
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
Ta=25℃
Pulsed
VGS=-1.2V
VGS=-1.1V
VGS=-1.0V
VGS=-10V
VGS=-4.5V
VGS=-2.5V
VGS=-1.8V
VGS=-1.5V
0.001
0.01
0.1
1
10
00.5
11.5
VDS=-6V
Pulsed
Ta=125℃
Ta=75℃
Ta=25℃
Ta= -25℃
1
10
100
1000
0.1
1
10
Ta=25℃
Pulsed
VGS= -1.5V
VGS= -1.8V
VGS= -2.5V
VGS= -4.5V
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
VGS=0V
Pulsed
Ta=125℃
Ta= 75℃
Ta= 25℃
Ta=-25℃
0
2
4
6
8
10
02
46
8
10
VGS=-1.1V
VGS=-1.8V
VGS=-1.5V
Ta=25℃
Pulsed
VGS=-1.2V
VGS=-1.3V
1
10
100
1000
0.1
1
10
VGS= -2.5V
Pulsed
Ta=125℃
Ta= 75℃
Ta= 25℃
Ta=-25℃
1
10
100
1000
0.1
1
10
VGS= -4.5V
Pulsed
Ta=125℃
Ta=75℃
Ta=25℃
Ta= -25℃
1
10
100
1000
0.1
1
10
VGS= -1.8V
Pulsed
Ta=125℃
Ta= 75℃
Ta= 25℃
Ta=-25℃
Fig.1 Typical Output Characteristics(Ⅰ)
Fig.2 Typical Output Characteristics(Ⅱ)
Fig.3 Typical Transfer Characteristics
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅰ)
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅱ)
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅲ)
Fig.7 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅳ)
Fig.9 Reverse Drain Current
vs. Sourse-Drain Voltage
Fig.8 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅴ)
DRAIN-SOURCE VOLTAGE : -VDS[V]
DRAIN-SOURCE VOLTAGE : -VDS[V]
GATE-SOURCE VOLTAGE : -VGS[V]
DRAIN-CURRENT : -ID[A]
DRAIN-CURRENT : -ID[A]
DRAIN-CURRENT : -ID[A]
DRAIN-CURRENT : -ID[A]
DRAIN-CURRENT : -ID[A]
SOURCE-DRAIN VOLTAGE : -VSD [V]


Numéro de pièce similaire - RZQ050P01

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
RZQ050P01TR VBSEMI-RZQ050P01TR Datasheet
439Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Description similaire - RZQ050P01

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
TT8J11 ROHM-TT8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J1 ROHM-TT8J1_09 Datasheet
230Kb / 6P
   1.5V Drive PchPch MOSFET
QS8J12 ROHM-QS8J12 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J13 ROHM-TT8J13 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
QS6J11 ROHM-QS6J11 Datasheet
227Kb / 5P
   1.5V Drive PchPch MOSFET
QS8J1 ROHM-QS8J1 Datasheet
190Kb / 6P
   1.5V Drive PchPch MOSFET
US6J11 ROHM-US6J11_09 Datasheet
239Kb / 5P
   1.5V Drive PchPch MOSFET
TT8J21 ROHM-TT8J21_09 Datasheet
201Kb / 6P
   1.5V Drive PchPch MOSFET
QS8J11 ROHM-QS8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
RZL025P01 ROHM-RZL025P01 Datasheet
209Kb / 6P
   1.5V Drive Pch MOSFET
RZR040P01 ROHM-RZR040P01 Datasheet
223Kb / 5P
   1.5V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com