Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU32TA2WNVX-TR Fiches technique(PDF) 9 Page - Rohm

No de pièce BU32TA2WNVX-TR
Description  High-speed Load Response FULL CMOS LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU32TA2WNVX-TR Fiches technique(HTML) 9 Page - Rohm

Back Button BU32TA2WNVX-TR Datasheet HTML 5Page - Rohm BU32TA2WNVX-TR Datasheet HTML 6Page - Rohm BU32TA2WNVX-TR Datasheet HTML 7Page - Rohm BU32TA2WNVX-TR Datasheet HTML 8Page - Rohm BU32TA2WNVX-TR Datasheet HTML 9Page - Rohm BU32TA2WNVX-TR Datasheet HTML 10Page - Rohm BU32TA2WNVX-TR Datasheet HTML 11Page - Rohm BU32TA2WNVX-TR Datasheet HTML 12Page - Rohm BU32TA2WNVX-TR Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Technical Note
9/27
BU
TA2WNVX Series, BUTA2WHFV Series
www.rohm.com
2009.05 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Fig. 46 Ripple Rejection VS Freq.
Fig. 47 Ripple Rejection VS VIN
Fig. 48 Output Noise Spectrl
Density VS Freq.
●Reference data
BU18TA2WNVX / HFV (Unless otherwise specified, Ta=25℃)
Fig. 49 Load Response
Fig. 51 Load Response
Fig. 52 Load Response
Fig. 50 Load Response
Fig. 53 Load Response
Current Pulse=10kHz
Fig. 54 Load Response
Current Pulse=10kHz
0
10
20
30
40
50
60
70
80
0.1
1
10
100
1000
Frequency (kHz)
Vin= 3.5V
Io=10mA
Ta = 25℃
0
10
20
30
40
50
60
70
80
2.5
3.5
4.5
5.5
Input Voltage VIN[V]
Co=1.0μF
Cin=none
Iout=10mA
temp=25℃
f= 10 0kHz
f=10 kHz
f= 1 kHz
f= 0 .1 kHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.1
1
10
100
Frequency f [kHz]
Co=1.0μF
Cin=1.0μF
Iout=10mA
temp=25℃


Numéro de pièce similaire - BU32TA2WNVX-TR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU32TA2WNVX ROHM-BU32TA2WNVX Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
More results

Description similaire - BU32TA2WNVX-TR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU665XNUX ROHM-BU665XNUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
logo
Rohm
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com