Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU21009MUV Fiches technique(PDF) 11 Page - Rohm

No de pièce BU21009MUV
Description  Capacitive Sensor Switch Control IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU21009MUV Fiches technique(HTML) 11 Page - Rohm

Back Button BU21009MUV Datasheet HTML 6Page - Rohm BU21009MUV Datasheet HTML 7Page - Rohm BU21009MUV Datasheet HTML 8Page - Rohm BU21009MUV Datasheet HTML 9Page - Rohm BU21009MUV Datasheet HTML 10Page - Rohm BU21009MUV Datasheet HTML 11Page - Rohm BU21009MUV Datasheet HTML 12Page - Rohm BU21009MUV Datasheet HTML 13Page - Rohm BU21009MUV Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
BU21009MUV
Technical Note
11/13
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
FAh : Simultaneous Press and Idle Mode Entry】
Name:
CMD
Address:
FAh
Description:
INTERMIT_EN : Intermittent and the drive are enable. :
Whether intermittent is driven at the idol mode is selected.
1:Intermittent is driven. 0:Intermittent is not driven.
Initial state:Intermittent is driven.
IDLE_T[3:0] : non-detect time-out setting :
This sets the time the chip takes to go from normal mode to idle mode in a period key inactivity.
Duration = system clock x 2
19 x IDLE_T (Example of system clock 1[MHz]time : About 520[msec])
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
FAh
-
-
-
INTERMIT_EN
IDLE_T[3]
IDLE_T[2]
IDLE_T[1]
IDLE_T[0]
R/W
-
-
-
W
W
W
W
W
Initial val.
-
-
-
1
0
1
1
1
FBh : Gain Setting, Filter Function】
Name:
GAIN_FILTER
Address:
FBh
Description:
Gain adjustment and setting of noise filter function.
GAIN[2:0] : gain setting:
It uses it for the gain adjustment in eight stages. Initial adjustment value:x1
GAIN[2:0]
000
001
010
011
100
101
110
111
Adjustment value
x 1
x 4.22
x 8.4
x 16.5
x 23
x 46
x 69
x 92
FILTER_EN : Filter enable :
Enables/disables setting of noise filter function
1 : enabled 0 : disabled Initial state : disabled
DELTA[3:0] : Filter follow count setting :
The follow count to which the noise filter function is effective is set.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
FBh
GAIN[2]
GAIN [1]
GAIN[0]
FILTER_EN
DELTA[3]
DELTA[2]
DELTA[1]
DELTA[0]
R/W
W
W
W
W
W
W
W
W
Initial val.
0
0
0
0
0
0
1
0
FCh : Switch OFF -> ON Threshold】
Name:
TH_ON
Address:
FCh
Description: This register provides a threshold value for determining if a sensor has transitioned from OFF to ON.
This is relative value from reference value (128d). So the absolute value of threshold is 128d + ON[6:0].
It makes a threshold value between TH_ON and TH_OFF.
TH_ON must be bigger than TH_OFF (TH_ON >= TH_OFF)
Maximum threshold is 256d and minimum value is 128d.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
FCh
-
ON[6]
ON[5]
ON[4]
ON[3]
ON[2]
ON[1]
ON[0]
R/W
-
W
W
W
W
W
W
W
Initial val.
-
0
0
1
0
0
0
0


Numéro de pièce similaire - BU21009MUV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU21008MUV ROHM-BU21008MUV Datasheet
698Kb / 17P
   Capacitive Sensor Switch Control IC
More results

Description similaire - BU21009MUV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU21050FS ROHM-BU21050FS Datasheet
315Kb / 8P
   Capacitive Sensor Switch Control IC
BU21008MUV ROHM-BU21008MUV Datasheet
698Kb / 17P
   Capacitive Sensor Switch Control IC
BU21010MUV ROHM-BU21010MUV Datasheet
342Kb / 15P
   Capacitive Sensor Switch Control IC
BU21051FS ROHM-BU21051FS Datasheet
274Kb / 7P
   Capacitive Sensor Switch Control IC
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
   Capacitive Sensor Signal Conditioner IC
logo
Micro Analog systems
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
   Capacitive Sensor Signal Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com