Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU16018KV Fiches technique(PDF) 8 Page - Rohm

No de pièce BU16018KV
Description  2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU16018KV Fiches technique(HTML) 8 Page - Rohm

Back Button BU16018KV Datasheet HTML 4Page - Rohm BU16018KV Datasheet HTML 5Page - Rohm BU16018KV Datasheet HTML 6Page - Rohm BU16018KV Datasheet HTML 7Page - Rohm BU16018KV Datasheet HTML 8Page - Rohm BU16018KV Datasheet HTML 9Page - Rohm BU16018KV Datasheet HTML 10Page - Rohm BU16018KV Datasheet HTML 11Page - Rohm BU16018KV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Technical Note
8/18
BU16006KV
www.rohm.com
2009.05 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
 Electrical characteristics
1.) ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range (unless otherwise noted)
(1)
※70mm×70mm×1.6mm glass epoxy board mount.(Reverse Cu occupation rate:15mm×15mm)
When it’s used by than Ta=25℃, it’s reduced by 12.5mW/℃.
2.) RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCC
Supply voltage
3
3.3
3.6
V
TA
Operating free-air temperature
0
-
70
TMDS DIFFERENTIAL PINS
VIC
Input common mode voltage
VCC–0.6
-
VCC+0.01
V
VID
Receiver peak-to-peak differential input voltage
150
-
1560
mVp-p
RVSADJ
Resistor for TMDS compliant voltage swing range
4.60
4.64
4.68
AVCC
TMDS Output termination voltage, see Figure 5-1.
3
3.3
3.6
V
RT
Termination resistance, see Figure 5-1.
45
50
55
Ω
Signaling rate
0
-
2.25
Gbps
CONTROL PINS (S1,S2)
VIH
LVTTL High-level input voltage
2
-
VCC
V
VIL
LVTTL Low-level input voltage
GND
-
0.8
V
STATUS(HPD_SINK)
VIH
LVTTL High-level input voltage
2.4
-
5.5
V
VIL
LVTTL Low-level input voltage
GND
-
0.8
V
DDC PINS (SCL_SINK, SDA_SINK,SDA[2:1],SCL[2:1])
VI(DDC)
Input voltage
GND
-
5.5
V
ITEM
MIN.
TYP.
MAX.
UNIT
Power supply voltage (Vcc)
-0.3
-
4.0
V
DDC, HPD_SINK input voltage
-0.3
-
6.0
V
Differential input voltage
2.5
-
4.0
V
S1, S2 input voltage
-0.3
-
4.0
V
Power dissipation
-
-
1250※
mW
Strage temperture range
-55
-
125


Numéro de pièce similaire - BU16018KV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU16018KV ROHM-BU16018KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16018KV ROHM-BU16018KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16018KV ROHM-BU16018KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16018KV ROHM-BU16018KV Datasheet
557Kb / 20P
   HDMI Switch ICs
BU16018KV-E2 ROHM-BU16018KV-E2 Datasheet
557Kb / 20P
   HDMI Switch ICs
More results

Description similaire - BU16018KV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU16018KV ROHM-BU16018KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16027KV ROHM-BU16027KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16024KV ROHM-BU16024KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16025MUV ROHM-BU16025MUV_11 Datasheet
427Kb / 17P
   1 for input 1 output buffer (Sync with OE)
logo
New Japan Radio
NJM2524 NJRC-NJM2524 Datasheet
131Kb / 4P
   2 INPUT 1 OUTPUT 3ch VIDEO SWITCH with ISOLATION AMP
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
   2-INPUT 1-OUTPUT VIDEO SWITCH???
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
   2-Input 1-Output Video Switch
logo
New Japan Radio
NJM2520 NJRC-NJM2520 Datasheet
124Kb / 3P
   2-INPUT 1-OUTPUT AUDIO SWITCH
logo
Integrated Circuit Syst...
ICS854057 ICST-ICS854057 Datasheet
256Kb / 13P
   4:1 OR 2:1 LVDS CLOCK MULTIPLEXER WITH INTERNAL INPUT TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com