Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU7985KVT Fiches technique(PDF) 11 Page - Rohm

No de pièce BU7985KVT
Description  56bit LVDS Receiver 8:56 DeSerializer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU7985KVT Fiches technique(HTML) 11 Page - Rohm

Back Button BU7985KVT Datasheet HTML 7Page - Rohm BU7985KVT Datasheet HTML 8Page - Rohm BU7985KVT Datasheet HTML 9Page - Rohm BU7985KVT Datasheet HTML 10Page - Rohm BU7985KVT Datasheet HTML 11Page - Rohm BU7985KVT Datasheet HTML 12Page - Rohm BU7985KVT Datasheet HTML 13Page - Rohm BU7985KVT Datasheet HTML 14Page - Rohm BU7985KVT Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11 / 20
■AC characteristics
Table 8 : Switching Characteristics(VDD=3.0V~3.6V, Ta=-20℃~+85℃)
Symbol
Parameter
Min
Typ
Max
Units
t
RCP
CLK OUT Period
Dual-in / Dual-out
11.11
t
RCIP
50
ns
Single-in / Dual-out
17.85
2t
RCIP
100
t
RCH
CLKOUT High Time
-
0.5t
RCP
-
ns
RCL
CLKOUT Low Time
-
0.5t
RCP
-
ns
RS
LVCMOS Data Setup to CLKOUT
0.3t
RCP
-
-
ns
RH
LVCMOS data hold from CLKOUT
0.3t
RCP
-
-
ns
t
TLH
LVCMOS Low to High Transition Time
-
3.0
5.0
ns
t
THL
LVCMOS Low to Low Transition Time
-
3.0
5.0
RIP1
Input Data Position0 (T
RCIP = 8.9ns)
-0.25
0.0
+0.25
ns
RIP0
Input Data Position1 (T
RCIP = 8.9ns)
7
tRCIP
-0.25
7
tRCIP
2
7
tRCIP
+0.25
ns
RIP6
Input Data Position2 (T
RCIP = 8.9ns)
2
7
tRCIP
-0.25
2
7
tRCIP
2
7
tTCOP
+0.25
ns
RIP5
Input Data Position3 (T
RCIP = 8.9ns)
3
7
tRCIP
-0.25
3
7
tRCIP
3
7
tRCIP
+0.25
ns
RIP4
Input Data Position4 (T
RCIP = 8.9ns)
4
7
tRCIP
-0.25
4
7
tRCIP
4
7
tRCIP
+0.25
ns
t
TOP3
Input Data Position5 (T
RCIP = 8.9ns)
5
7
tRCIP
-0.25
5
7
tRCIP
5
7
tRCIP
+0.25
ns
RIP2
Input Data Position6 (T
RCIP = 8.9ns)
6
7
tRCIP
-0.25
6
7
tRCIP
6
7
tRCIP
+0.25
ns
t
RRLL
Phase Lock Loop Set
-
-
10.0
ms
t
RCIP
CLKIN Period
8.9
-
50
ns
ck12
Skew Time between RCLK1 and RCLK2
-
-
±0.3t
RCIP
ns


Numéro de pièce similaire - BU7985KVT

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU7988KVT ROHM-BU7988KVT Datasheet
952Kb / 27P
   56bit LVDS Transmitter 56:8 Serializer
More results

Description similaire - BU7985KVT

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU7988KVT ROHM-BU7988KVT Datasheet
952Kb / 27P
   56bit LVDS Transmitter 56:8 Serializer
BU8255KVT ROHM-BU8255KVT Datasheet
848Kb / 17P
   35bit LVDS Receiver 5:35 DeSerializer
BU90R104 ROHM-BU90R104 Datasheet
341Kb / 18P
   35bit LVDS Receiver 5:35 DeSerializer
logo
Texas Instruments
SN65LVDS152 TI-SN65LVDS152 Datasheet
244Kb / 17P
[Old version datasheet]   MuxIt RECEIVER-DESERIALIZER
logo
Integrated Circuit Syst...
V386 ICST-V386 Datasheet
243Kb / 10P
   8-BIT LVDS RECEIVER FOR VIDEO
logo
Renesas Technology Corp
IDTVP386 RENESAS-IDTVP386 Datasheet
275Kb / 13P
   8/28-BIT LVDS RECEIVER FOR VIDEO
2019
logo
Texas Instruments
SN65LVDS96 TI-SN65LVDS96 Datasheet
188Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
logo
Rohm
BU90LV048 ROHM-BU90LV048_11 Datasheet
434Kb / 15P
   4bit LVDS Receiver
logo
Texas Instruments
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
logo
Semtech Corporation
SK1303 SEMTECH-SK1303 Datasheet
105Kb / 6P
   LVDS Receiver/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com