Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU1521GVW Fiches technique(PDF) 11 Page - Rohm

No de pièce BU1521GVW
Description  For portable image equipment Upscaler IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU1521GVW Fiches technique(HTML) 11 Page - Rohm

Back Button BU1521GVW Datasheet HTML 7Page - Rohm BU1521GVW Datasheet HTML 8Page - Rohm BU1521GVW Datasheet HTML 9Page - Rohm BU1521GVW Datasheet HTML 10Page - Rohm BU1521GVW Datasheet HTML 11Page - Rohm BU1521GVW Datasheet HTML 12Page - Rohm BU1521GVW Datasheet HTML 13Page - Rohm BU1521GVW Datasheet HTML 14Page - Rohm BU1521GVW Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
BU1521GVW
Technical Note
11/15
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Typical application circuit
The typical application circuit of BU1521GVW is shown in Fig. 9 It does not guarantee
Note 1)Adjust the output damping resistance for CLKOUT and DO [15:0] with the line load.
Note 2) When the STBY pin is unused, pull it down with a 10 k
 resistor.
Fig. 9 BU1521GVW typical application circuit
1
48
2
47
3
46
4
45
5
44
6
43
7
42
8
41
9
40
10
39
11
38
12
37
13
36
14
35
15
34
16
33
GND
GND
DO11
DO10
DI9
DI14
VDD
DO8
DO7
DO5
VDDIO1
AVDD
DI6
DI5
DI12
DO6
GND
DO3
DO9
DO4
DO2
VDDIO3
DO0
DI13
GND
GND
DI0
GND
DI10
DI7
N.C
DI3
GND
+1.2V
0.1uF
GND
GND
+1.8V
0.1uF
GND
+1.2V
0.1uF
GND
+3.3V
GND
0.1uF
0.1uF
GND
GND
+1.2V
GND
+3.3V
0.1uF
GND
+3.0V
0.1uF
GND
GND
+1.8V
0.1uF
AVSS
GND
CLKIN
DI[15:0]
DO[15:0]
CLKOUT
SCLK
SCSB
SDIN
SDOUT
BU1521GVW
STBY
RESETB


Numéro de pièce similaire - BU1521GVW

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU1523KV ROHM-BU1523KV Datasheet
406Kb / 23P
   Image Correction IC for Panel
BU1523KV-E2 ROHM-BU1523KV-E2 Datasheet
406Kb / 23P
   Image Correction IC for Panel
More results

Description similaire - BU1521GVW

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
logo
Panasonic Semiconductor
AN7535NSA PANASONIC-AN7535NSA Datasheet
80Kb / 9P
   Headphone amplifier IC for portable equipment
AN7531SA PANASONIC-AN7531SA Datasheet
178Kb / 10P
   Headphone amplifier IC for portable equipment
logo
Sanyo Semicon Device
LV24030LP SANYO-LV24030LP Datasheet
176Kb / 14P
   Bi-CMOS IC FM Tuner IC for Small Portable Equipment
LV24100LP SANYO-LV24100LP Datasheet
199Kb / 18P
   Bi-CMOS IC FM and AM Tuner IC for Small Portable Equipment
logo
Active-Semi, Inc
ACT8740 ACTIVE-SEMI-ACT8740 Datasheet
111Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8712 ACTIVE-SEMI-ACT8712 Datasheet
111Kb / 2P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8780 ACTIVE-SEMI-ACT8780 Datasheet
107Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8740 ACTIVE-SEMI-ACT8740_08 Datasheet
716Kb / 40P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev PrB, 25-Feb-08
ACT8706 ACTIVE-SEMI-ACT8706 Datasheet
92Kb / 2P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com