Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU90LV049A Fiches technique(PDF) 7 Page - Rohm

No de pièce BU90LV049A
Description  4bit LVDS Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU90LV049A Fiches technique(HTML) 7 Page - Rohm

Back Button BU90LV049A Datasheet HTML 3Page - Rohm BU90LV049A Datasheet HTML 4Page - Rohm BU90LV049A Datasheet HTML 5Page - Rohm BU90LV049A Datasheet HTML 6Page - Rohm BU90LV049A Datasheet HTML 7Page - Rohm BU90LV049A Datasheet HTML 8Page - Rohm BU90LV049A Datasheet HTML 9Page - Rohm BU90LV049A Datasheet HTML 10Page - Rohm BU90LV049A Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Technical Note
7/13
BU90LV049A
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●Pin Configuration
Figure 3.
Pin Diagram (Top View)
●Pin Description
Table 1 : Pin Description
Pin Name
Pin No.
Type
Descriptions
DIN
10, 11
LVCMOS In
Driver input pin, LVCMOS levels.
DOUT+
6, 7
LVDS Out
Non-inverting driver output pin, LVDS levels.
DOUT-
5, 8
LVDS Out
Inverting driver output pin, LVDS levels.
RIN+
2, 3
LVDS In
Non-inverting receiver input pin, LVDS levels.
RIN-
1, 4
LVDS In
Inverting receiver input pin, LVDS levels.
ROUT
14, 15
LVCMOS Out
Receiver output pin, LVCMOS levels.
SL
9
LVCMOS In
Drive strength and Swing Level select pin :
When SL is low or open, Rout set 8mA mode and
the driver is normal swing level (350mV).
When SL is high, Rout set 6mA mode and the
driver is reduce swing level (200mV).
EN
16
LVCMOS In
Enable pin: When EN is Low or open,
the receiver and driver are disabled.
When EN is high, the receiver and driver are
enabled.
VCC
12
Power
Power supply pin, +3.3V±0.3V.
GND
13
GND
Ground pin.
16
15
14
13
12
11
DIN1
10
SL
9
RIN1-
1
2
3
4
5
6
7
8
RIN1+
RIN2+
RIN2-
DOUT2-
DOUT2+
DOUT1+
DOUT1-
DIN2
VCC
GND
ROUT2
ROUT1
EN


Numéro de pièce similaire - BU90LV049A

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU90LV047A ROHM-BU90LV047A Datasheet
718Kb / 12P
   4bit LVDS Driver
BU90LV047A ROHM-BU90LV047A Datasheet
431Kb / 15P
   4bit LVDS Driver
BU90LV047A-E2 ROHM-BU90LV047A-E2 Datasheet
431Kb / 15P
   4bit LVDS Driver
BU90LV047A ROHM-BU90LV047A_11 Datasheet
431Kb / 15P
   4bit LVDS Driver
BU90LV048 ROHM-BU90LV048 Datasheet
712Kb / 12P
   4bit LVDS Receiver
More results

Description similaire - BU90LV049A

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU90LV048 ROHM-BU90LV048_11 Datasheet
434Kb / 15P
   4bit LVDS Receiver
BU90LV047A ROHM-BU90LV047A Datasheet
718Kb / 12P
   4bit LVDS Driver
BU90LV048 ROHM-BU90LV048 Datasheet
712Kb / 12P
   4bit LVDS Receiver
BU90LV047A ROHM-BU90LV047A_11 Datasheet
431Kb / 15P
   4bit LVDS Driver
logo
List of Unclassifed Man...
W541C200 ETC1-W541C200 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
logo
Pericom Semiconductor C...
PI90LVB010 PERICOM-PI90LVB010 Datasheet
460Kb / 9P
   Single Bus LVDS Transceiver
PI90LV019 PERICOM-PI90LV019 Datasheet
432Kb / 9P
   Single Bus LVDS Transceiver
logo
Maxim Integrated Produc...
MAX9157 MAXIM-MAX9157 Datasheet
357Kb / 16P
   Quad Bus LVDS Transceiver
19-2287; Rev 0; 1/02
logo
List of Unclassifed Man...
WSM5K6 ETC-WSM5K6 Datasheet
227Kb / 12P
   4BIT MICROCOMPUTER
logo
AUK corp
SD6830 AUK-SD6830 Datasheet
122Kb / 34P
   4BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com