Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA0884A Fiches technique(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA0884A
Description  SAW Filter 475 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0884A Fiches technique(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0884A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0884A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0884A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0884A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
D. MEASUREMENT CIRCUIT:
50
HP Network analyzer
50
SAW Filter
1
4
2,3
E.OUTLINE DRAWING:
Product Year Code
Year
2005
2009
2006
2010
2007
2011
2008
2012
Product Code
A
a
A
a
#1 : Input
#4 : Output
#2, #3 : Ground
: Year Code
: Date Code
Unit : mm
T
. △884□


Numéro de pièce similaire - TA0884A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0880A TAI-SAW-TA0880A Datasheet
411Kb / 8P
   SAW Filter 2245 MHz SMD 3.0X3.0 mm
logo
Golledge Electronics Lt...
TA0880A GOLLEDGE-TA0880A Datasheet
64Kb / 6P
   SAW Filter 2245MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0881A TAI-SAW-TA0881A Datasheet
406Kb / 7P
   SAW Filter 710 MHz
logo
Golledge Electronics Lt...
TA0881A GOLLEDGE-TA0881A Datasheet
129Kb / 6P
   SAW Filter 710 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0882A TAI-SAW-TA0882A Datasheet
404Kb / 7P
   SAW Filter 740 MHz
More results

Description similaire - TA0884A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1113A TAI-SAW-TA1113A Datasheet
422Kb / 6P
   SAW Filter 475 MHz
logo
KR Electronics, Inc.
2968 KR-2968 Datasheet
90Kb / 3P
   475 MHz Lowpass Filter
2968-SMA KR-2968-SMA Datasheet
64Kb / 3P
   475 MHz Lowpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TR0019A TAI-SAW-TR0019A Datasheet
300Kb / 6P
   Dielectric Filter 5962.5MHz SMD 6.6x3.15 mm (BW=475 MHz)
logo
WALSIN TECHNOLOGY CORPO...
RFBPF3225200Y0T WALSIN-RFBPF3225200Y0T Datasheet
591Kb / 7P
   475~675 MHz Band Application
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
logo
WALSIN TECHNOLOGY CORPO...
RFBPF3225200Y07B1U WALSIN-RFBPF3225200Y07B1U Datasheet
728Kb / 9P
   475~675 MHz Band Application
logo
API Technologies Corp
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com