Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC5670I Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce DAC5670I
Description  14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC5670I Fiches technique(HTML) 7 Page - Texas Instruments

Back Button DAC5670I Datasheet HTML 3Page - Texas Instruments DAC5670I Datasheet HTML 4Page - Texas Instruments DAC5670I Datasheet HTML 5Page - Texas Instruments DAC5670I Datasheet HTML 6Page - Texas Instruments DAC5670I Datasheet HTML 7Page - Texas Instruments DAC5670I Datasheet HTML 8Page - Texas Instruments DAC5670I Datasheet HTML 9Page - Texas Instruments DAC5670I Datasheet HTML 10Page - Texas Instruments DAC5670I Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
DAC5670
www.ti.com
SGLS394 – MARCH 2010
DC Electrical Characteristics
TC,MIN = –40°C to TC,MAX = 85°C, typical values at 25°C, AVDD = 3 V to 3.6 V, IoutFS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Resolution
14
Bits
DC Accuracy
INL
Integral nonlinearity
–7.5
±1.5
7.5
TC,MIN to TC,MAX , fDAC = 640 MHz,
LSB
fOUT = 10 MHz
DNL
Differential nonlinearity
–0.98
±0.8
1.75
Monotonocity
14
Bits
Analog Output
Offset error
Mid code offset
–0.45
±0.09
0.45
%FSR
Gain error
With external reference
–6.0
±1.6
6.0
%FSR
Gain error
With internal reference
–6.0
±1.6
6.0
%FSR
Full-scale output current
30
mA
IO(FS) = 20 mA,
Output compliance range
AVDD – 0.5
AVDD + 0.5
V
AVDD = 3.15 V to 3.45 V
Output resistance
300(2)
k
Output capacitance
IOUT_P and IOUT_N single ended
13.7(2)
pF
Reference Output
Reference voltage
1.14
1.2
1.26
V
Reference output current
100
nA
Reference Input
VREFIO
Input voltage range
1.14
1.2
1.26
V
Input resistance
1(2)
M
Small-signal bandwidth
1.4
MHz
Input capacitance
3.2(2)
pF
Temperature Coefficients
Offset drift
75
ppm of FSR/°C
Gain drift
With external reference
75
ppm of FSR/°C
Gain drift
With internal reference
75
ppm of FSR/°C
Reference voltage drift
35
ppm/°C
Power Supply
AVDD
Analog supply voltage
3
3.3
3.6
V
fDAC = 2.4 GHz, NORMAL input
IAVDD
Analog supply current
560
650
mA
mode
Sleep mode, AVDD supply
IAVDD
Sleep mode (SLEEP pin high)
150
180
mA
current
fDAC = 2.4 GHz, NORMAL input
P
Power dissipation
1800
2350
mW
mode
PSRR
Power-supply rejection ratio
AVDD = 3.15 V to 3.45 V
0.4
1.3
%FSR/V
(1)
Typicals are characterization values at 25C and AVDD = 3.3V. These parameters are characterized but not production tested.
(2)
Specified by design
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC5670


Numéro de pièce similaire - DAC5670I

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670-SP TI-DAC5670-SP Datasheet
813Kb / 34P
[Old version datasheet]   DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
DAC5670-SP TI-DAC5670-SP_15 Datasheet
813Kb / 34P
[Old version datasheet]   DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
DAC5670MGEM/EM TI-DAC5670MGEM/EM Datasheet
813Kb / 34P
[Old version datasheet]   DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
More results

Description similaire - DAC5670I

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670-SP TI-DAC5670-SP_15 Datasheet
813Kb / 34P
[Old version datasheet]   DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9154 AD-AD9154 Datasheet
2Mb / 124P
   Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
AD9739 AD-AD9739 Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCZ AD-AD9739BBCZ Datasheet
856Kb / 48P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. B
AD9739A AD-AD9739A Datasheet
1Mb / 44P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9699 AD-AD9699 Datasheet
7Mb / 121P
   14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com