Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA0694A Fiches technique(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA0694A
Description  SAW Filter 862.5 MHz SMD 5X5 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0694A Fiches technique(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0694A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0694A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0694A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0694A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0694A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0694A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
G. PACKING:
1. REEL DIMENSION
2. TAPE DIMENSION
Direction of Feed
7”=1000
13”=3000


Numéro de pièce similaire - TA0694A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA0694A GOLLEDGE-TA0694A Datasheet
193Kb / 5P
   SAW Filter 862.50MHz
More results

Description similaire - TA0694A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0237A TAI-SAW-TB0237A Datasheet
480Kb / 5P
   SAW Filter 402.7 MHz SMD 5x5 mm
TA0822A TAI-SAW-TA0822A Datasheet
275Kb / 8P
   SAW Filter 757.5 MHz SMD 5X5 mm
TA0823A TAI-SAW-TA0823A Datasheet
276Kb / 8P
   SAW Filter 787.5 MHz SMD 5X5 mm
logo
Golledge Electronics Lt...
MA09431 GOLLEDGE-MA09431 Datasheet
150Kb / 5P
   SAW Filter 499.25 MHz SMD 5X5 mm
logo
TAI-SAW TECHNOLOGY CO.,...
TA0575A TAI-SAW-TA0575A Datasheet
277Kb / 6P
   SAW Filter 188.175 MHz SMD 5X5 mm
TA0524A TAI-SAW-TA0524A Datasheet
341Kb / 6P
   SAW Filter 499.25 MHz SMD 5X5 mm
TA0192A TAI-SAW-TA0192A Datasheet
247Kb / 6P
   SAW Filter 426.1 MHz SMD 5X5 mm
TA0574A TAI-SAW-TA0574A Datasheet
278Kb / 6P
   SAW Filter 180.175 MHz SMD 5X5 mm
TC0250A TAI-SAW-TC0250A Datasheet
329Kb / 5P
   SAW Resonator 435.72 MHz SMD 5X5 mm
TC0117A TAI-SAW-TC0117A Datasheet
343Kb / 4P
   SAW Resonator 418 MHz SMD 5X5 mm
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com