Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA0430A Fiches technique(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA0430A
Description  SAW Filter 815.5 MHz SMD 3X3 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0430A Fiches technique(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0430A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0430A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0430A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0430A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0430A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0430A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
Reflections Functions :
S11
S22


Numéro de pièce similaire - TA0430A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA0430A GOLLEDGE-TA0430A Datasheet
162Kb / 5P
   SAW Filter 815.50MHz
More results

Description similaire - TA0430A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0762A TAI-SAW-TA0762A Datasheet
508Kb / 7P
   SAW Filter 1747.5 MHz SMD 3X3 mm
TA0465A TAI-SAW-TA0465A Datasheet
404Kb / 6P
   SAW Filter 2160 MHz SMD 3X3 mm
TA0515A TAI-SAW-TA0515A Datasheet
562Kb / 7P
   SAW Filter 2345 MHz SMD 3X3 mm
TA0315A TAI-SAW-TA0315A Datasheet
257Kb / 7P
   SAW Filter 1575.42 MHz SMD 3X3 mm
TA0222A TAI-SAW-TA0222A Datasheet
499Kb / 8P
   SAW Filter 2442 MHz SMD 3X3 mm
TA0273A TAI-SAW-TA0273A Datasheet
465Kb / 7P
   SAW Filter 2332.5 MHz SMD 3X3 mm
TA0175H TAI-SAW-TA0175H Datasheet
421Kb / 7P
   SAW Filter 1960 MHz SMD 3X3 mm
TA0494A TAI-SAW-TA0494A Datasheet
409Kb / 6P
   SAW Filter 897.5 MHz SMD 3X3 mm
TA0254A TAI-SAW-TA0254A Datasheet
462Kb / 7P
   SAW Filter 930 MHz SMD 3X3 mm
TA0294A TAI-SAW-TA0294A Datasheet
439Kb / 6P
   SAW Filter 1880 MHz SMD 3X3 mm
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com