Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA0409A Fiches technique(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA0409A
Description  SAW Filter 420MHz SMD 7.0횞5.0mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0409A Fiches technique(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0409A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0409A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0409A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0409A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0409A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
G. PACKING:
1. REEL DIMENSION
2. TAPE DIMENSION
Direction of Feed


Numéro de pièce similaire - TA0409A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA0409A GOLLEDGE-TA0409A Datasheet
121Kb / 4P
   SAW Filter 420.0MHz
More results

Description similaire - TA0409A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0573A TAI-SAW-TB0573A Datasheet
264Kb / 7P
   SAW Filter 228.1MHz SMD 7.0횞5.0mm
TA0311A TAI-SAW-TA0311A Datasheet
418Kb / 5P
   SAW Filter 420MHz SMD 5.0횞5.0mm
TB0704A TAI-SAW-TB0704A Datasheet
290Kb / 7P
   SAW Filter 420MHz (SMD 5.0횞5.0 mm)
TB0571A TAI-SAW-TB0571A Datasheet
275Kb / 8P
   SAW Filter 135.42MHz SMD 7.0횞5.0mm
TB0576A TAI-SAW-TB0576A Datasheet
267Kb / 8P
   SAW Filter 472.2MHz SMD 7.0횞5.0mm
TB0577A TAI-SAW-TB0577A Datasheet
262Kb / 7P
   SAW Filter 512.2MHz SMD 7.0횞5.0mm
TA0341A TAI-SAW-TA0341A Datasheet
441Kb / 5P
   SAW Filter 611MHz SMD 7.0횞5.0mm
logo
Golledge Electronics Lt...
MA05223 GOLLEDGE-MA05223 Datasheet
113Kb / 4P
   SAW Filter 420MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB1201A TAI-SAW-TB1201A Datasheet
208Kb / 7P
   SAW Filter 69.5MHz 6MHz BW (SMD 7.0횞5.0mm)
TB1240A TAI-SAW-TB1240A Datasheet
342Kb / 7P
   SAW Filter 260MHz 60MHz BW (SMD 7.0횞5.0mm)
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com