Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA0299A Fiches technique(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA0299A
Description  SAW Filter 915MHz SMD 2.5횞2.0 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0299A Fiches technique(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0299A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0299A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0299A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0299A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0299A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0299A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
E. MEASUREMENT CIRCUIT:
F.OUTLINE DRAWING:
B : Input
D : Output
A, C : Ground
: Date Code for Year
: Date Code
Unit : mm
N F


Numéro de pièce similaire - TA0299A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0292A TAI-SAW-TA0292A Datasheet
268Kb / 5P
   SAW Filter 1220MHz SMD 3.0횞3.0 mm
logo
Golledge Electronics Lt...
TA0292A GOLLEDGE-TA0292A Datasheet
59Kb / 4P
   SAW Filter 1220MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0293A TAI-SAW-TA0293A Datasheet
474Kb / 5P
   SAW Filter 433.42MHz SMD5X5mm
logo
Golledge Electronics Lt...
TA0293A GOLLEDGE-TA0293A Datasheet
140Kb / 4P
   SAW Filter 433.42MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0294A TAI-SAW-TA0294A Datasheet
439Kb / 6P
   SAW Filter 1880 MHz SMD 3X3 mm
More results

Description similaire - TA0299A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0321A TAI-SAW-TA0321A Datasheet
423Kb / 12P
   SAW Filter 881.5MHz SMD 2.5횞2.0 mm
TA0384A TAI-SAW-TA0384A Datasheet
364Kb / 7P
   SAW Filter 2140MHz SMD 2.5횞2.0 mm
TA0495A TAI-SAW-TA0495A Datasheet
247Kb / 7P
   SAW Filter 915MHz SMD 3.0횞3.0 mm
TA1610A TAI-SAW-TA1610A Datasheet
177Kb / 8P
   SAW Filter 915MHz 26MHz BW SMD 1.4x1.1 mm
TA1294A TAI-SAW-TA1294A Datasheet
164Kb / 8P
   SAW Filter 915MHz SMD 1.4X1.1 mm (BW=26MHz)
TA2638A TAI-SAW-TA2638A Datasheet
673Kb / 7P
   SAW Filter 915MHz 30MHz BW SMD 3.0x3.0 mm
TA0521A TAI-SAW-TA0521A Datasheet
1Mb / 6P
   SAW Filter 915MHz SMD 3.8횞3.8mm
TF0065A TAI-SAW-TF0065A Datasheet
279Kb / 7P
   SAW Duplexer 1950/2140MHz SMD 2.5횞2.0 mm
TF0067A TAI-SAW-TF0067A Datasheet
367Kb / 8P
   SAW Duplexer 836.5/881.5MHz SMD 2.5횞2.0 mm
TF0066A TAI-SAW-TF0066A Datasheet
331Kb / 8P
   SAW Duplexer 836.5/881.5MHz SMD 2.5횞2.0 mm
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com