Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA0230A Fiches technique(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA0230A
Description  SAW Filter 942.5 MHz for Mobile Communication
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0230A Fiches technique(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0230A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0230A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0230A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0230A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0230A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0230A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C. OUTLINE DRAWING:
Pin configuration
2
Input, unbalanced
1,3
Input ground
5,7
Output balanced
1,3,4,8,6
case ground
Year code
Date code
D. MEASUREMENT CIRCUIT:
50nH
Unit : mm


Numéro de pièce similaire - TA0230A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA0230A GOLLEDGE-TA0230A Datasheet
113Kb / 5P
   SAW Filter 942.5MHz
More results

Description similaire - TA0230A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0231A TAI-SAW-TA0231A Datasheet
398Kb / 7P
   SAW Filter 942.5 MHz for Mobile Communication
TA0218A TAI-SAW-TA0218A Datasheet
402Kb / 7P
   SAW Filter 942.5 MHz for Mobile Communication
TA0319A TAI-SAW-TA0319A Datasheet
388Kb / 6P
   SAW Filter 1960 MHz for Mobile Communication
TA0175B TAI-SAW-TA0175B Datasheet
430Kb / 7P
   SAW Filter 1960 MHz for Mobile Communication
TA0206A TAI-SAW-TA0206A Datasheet
557Kb / 6P
   SAW Filter 1842.5 MHz for Mobile Communication
TA0401B TAI-SAW-TA0401B Datasheet
729Kb / 8P
   SAW Filter 1950 MHz for Mobile Communication
TA0685A TAI-SAW-TA0685A Datasheet
387Kb / 9P
   SAW Filter 1747.5 MHz for Mobile Communication
TA0219A TAI-SAW-TA0219A Datasheet
386Kb / 7P
   SAW Filter 1842.5 MHz for Mobile Communication
TA0382A TAI-SAW-TA0382A Datasheet
370Kb / 7P
   SAW Filter 1950 MHz for Mobile Communication
logo
Golledge Electronics Lt...
MA04711 GOLLEDGE-MA04711 Datasheet
136Kb / 7P
   SAW Filter 947.5 MHz for Mobile Communication
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com