Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA0175A Fiches technique(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA0175A
Description  SAW Filter 1960MHz SMD 3.0 mm SQ
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0175A Fiches technique(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0175A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0175A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0175A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0175A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0175A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0175A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
Reflections Functions :
S11 VSWR
S22 VSWR


Numéro de pièce similaire - TA0175A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA0175A GOLLEDGE-TA0175A Datasheet
248Kb / 5P
   SAW Filter 1960MHz
More results

Description similaire - TA0175A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0207A TAI-SAW-TA0207A Datasheet
537Kb / 6P
   SAW Filter 1960MHz SMD 2.5X2.0 mm
logo
Abracon Corporation
AFS1960S4 ABRACON-AFS1960S4 Datasheet
154Kb / 1P
   SMD 1960MHz SAW FILTER
logo
TAI-SAW TECHNOLOGY CO.,...
TA0763A TAI-SAW-TA0763A Datasheet
222Kb / 7P
   SAW FILTER 1842.5 MHz SMD 3.0 SQ
logo
Golledge Electronics Lt...
MA05927 GOLLEDGE-MA05927 Datasheet
339Kb / 5P
   SAW Filter 1960MHz
MA08686 GOLLEDGE-MA08686 Datasheet
247Kb / 6P
   SAW Filter 1960MHz
MP03082 GOLLEDGE-MP03082 Datasheet
207Kb / 6P
   SAW Filter 1960MHz
MA05679 GOLLEDGE-MA05679 Datasheet
248Kb / 5P
   SAW Filter 1960MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA947FG TAI-SAW-TA947FG Datasheet
383Kb / 7P
   SAW Filter 947.5 MHz SMD 3.0 SQ for GSM
TA0652A TAI-SAW-TA0652A Datasheet
330Kb / 7P
   SAW Filter 1932.5MHz SMD 3.0 mm
TA0653A TAI-SAW-TA0653A Datasheet
323Kb / 7P
   SAW Filter 2120MHz SMD 3.0 mm
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com