Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA3842A Fiches technique(PDF) 5 Page - Wing Shing Computer Components

No de pièce KA3842A
Description  Linear Integrated Circuit(CURRENT-MODE PWM CONTROLLER)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINGS [Wing Shing Computer Components]
Site Internet  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

KA3842A Fiches technique(HTML) 5 Page - Wing Shing Computer Components

  KA3842A Datasheet HTML 1Page - Wing Shing Computer Components KA3842A Datasheet HTML 2Page - Wing Shing Computer Components KA3842A Datasheet HTML 3Page - Wing Shing Computer Components KA3842A Datasheet HTML 4Page - Wing Shing Computer Components KA3842A Datasheet HTML 5Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NOTES:
1. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
2. PACKAGE CONTOUR OPTIONAL (ROUND OR
SQUARE CORNERS).
3. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
14
5
8
F
NOTE 2
–A–
–B–
–T–
SEATING
PLANE
H
J
G
D
K
N
C
L
M
M
A
M
0.13 (0.005)
B M
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.40
10.16
0.370
0.400
B
6.10
6.60
0.240
0.260
C
3.94
4.45
0.155
0.175
D
0.38
0.51
0.015
0.020
F
1.02
1.78
0.040
0.070
G
2.54 BSC
0.100 BSC
H
0.76
1.27
0.030
0.050
J
0.20
0.30
0.008
0.012
K
2.92
3.43
0.115
0.135
L
7.62 BSC
0.300 BSC
M
–––
10
–––
10
N
0.76
1.01
0.030
0.040
__
Attention: M=10
o
5
KA3842A/KA3842AM
KA3842AN
KA3842AMN


Numéro de pièce similaire - KA3842A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA3842AC FAIRCHILD-KA3842AC Datasheet
37Kb / 6P
   SMPS Controller
KA3842AC FAIRCHILD-KA3842AC Datasheet
122Kb / 6P
   SMPS Controller
KA3842AC FAIRCHILD-KA3842AC Datasheet
127Kb / 6P
   Low start current 0.2mA (Typ.)
KA3842ACS FAIRCHILD-KA3842ACS Datasheet
127Kb / 6P
   Low start current 0.2mA (Typ.)
KA3842AC FAIRCHILD-KA3842AC_06 Datasheet
122Kb / 6P
   SMPS Controller
More results

Description similaire - KA3842A

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA494AP KEC-KIA494AP Datasheet
159Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (VOLTAGE-MODE PWM CONTROLLER IC)
KIA3842 KEC-KIA3842 Datasheet
166Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (HIGH PERFORMANCE CURRENT MODE CONTROLLER)
KIA3842BP KEC-KIA3842BP Datasheet
171Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (HIGH PERFORMANCE CURRENT MODE CONTROLLER)
logo
SIFIRST TECHNOLOGIES NA...
SF1565 SIFIRST-SF1565 Datasheet
661Kb / 12P
   Highly Integrated Current Mode PWM Controller
logo
Fairchild Semiconductor
FAN6300 FAIRCHILD-FAN6300 Datasheet
761Kb / 14P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
logo
SIFIRST TECHNOLOGIES NA...
SF1560 SIFIRST-SF1560 Datasheet
66Kb / 2P
   Highly Integrated Current Mode PWM Controller with Latch
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300A FAIRCHILD-FAN6300A Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com