Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD4223FUJ Fiches technique(PDF) 1 Page - Rohm

No de pièce BD4223FUJ
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD4223FUJ Fiches technique(HTML) 1 Page - Rohm

  BD4223FUJ Datasheet HTML 1Page - Rohm BD4223FUJ Datasheet HTML 2Page - Rohm BD4223FUJ Datasheet HTML 3Page - Rohm BD4223FUJ Datasheet HTML 4Page - Rohm BD4223FUJ Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. A
STRUCT URE
Silicon Monolithic Integrated Circuit
PRODUCT SERIES
Strobe Charge Control IC
TY
P
E
BD4223FUJ
Fu nc t i ons
1.
Built-in Low Vth DMOS 45V
2.
Adjustable transformer primary-side peak current by RADJ pin
3.
Standby mode switching with the START pin.
4.
Includes charge complete signal output (FULL) pin.
Includes charge voltage detection (VC) pin (can be set externally).
5.
Built-in thermal shutdown circuit (TSD).
Built-in under voltage looked out (UVLO).
6.
Built-in transformer secondary-side OPEN, SHORT protection.
7.
SSOP 10pin package TSSOP-C10J(3.0mm×4.9mm×1.1mm)
○ Absolute maximum ratings(Ta=25℃)
Reduced by
4.32 mW/°C over Ta = 25°C. (When mounted on 74.2 mm
 74.2 mm  1.6 mm, glass epoxy)
○ Recommended operating ranges
Parameter
Symbol
Limit
Unit
VCC pin
VCC
-0.3 to 7
V
SW pin
VSW
45
V
VC pin
VC
-0.3 to 7
V
START pin
START
-0.3 to7
V
FULL pin
FULL
-0.3 to7
V
IGBT_IN pin
IGBT_IN
-0.3 to 7
V
Operating temperature
Topr
−35 to 85
°C
Storage temperature range
Tstg
−55 to 150
°C
Junction temperature
Tjmax
150
°C
Power dissipation
Pd
540
mW
Parameter
Symbol
Limit
Unit
VCC power supply input voltage range
VCC
2.5 to 5.5
V
VC pin input voltage range
VC
-0.3 to VCC
V
START pin input voltage range
VSTART
0 to VCC
V
IGBT_IN pin input voltage range
VIGBT_IN
0 to VCC
V
FULL pin input voltage range
VFULL
0 to 5.5
V


Numéro de pièce similaire - BD4223FUJ

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD4223FVM ROHM-BD4223FVM Datasheet
162Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Description similaire - BD4223FUJ

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com