Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD35222EFV Fiches technique(PDF) 2 Page - Rohm

No de pièce BD35222EFV
Description  Ultra Low Dropout Linear Regulators(4A) for Desktop PC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD35222EFV Fiches technique(HTML) 2 Page - Rohm

  BD35222EFV Datasheet HTML 1Page - Rohm BD35222EFV Datasheet HTML 2Page - Rohm BD35222EFV Datasheet HTML 3Page - Rohm BD35222EFV Datasheet HTML 4Page - Rohm BD35222EFV Datasheet HTML 5Page - Rohm BD35222EFV Datasheet HTML 6Page - Rohm BD35222EFV Datasheet HTML 7Page - Rohm BD35222EFV Datasheet HTML 8Page - Rohm BD35222EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2/20
●Absolute maximum ratings
Parameter
Symbol
Limit
Unit
BD3522EFV
BD35221EFV
BD35222EFV
Input Voltage 1
VCC
6.0 *
1
V
Input Voltage 2
VIN
6.0 *
1
V
Maximum Output Current
IO
4*
1
A
Enable Input Voltage
Ven
6.0
V
Power Dissipation 1
Pd1
1.00
*2
W
Power Dissipation 2
Pd2
1.45
*3
W
Power Dissipation 3
Pd3
2.31
*4
W
Power Dissipation 4
Pd4
3.20
*5
W
Operating Temperature Range
Topr
-10~+100
Storage Temperature Range
Tstg
-55~+125
Maximum Junction Temperature
Tjmax
+150
*1 Should not exceed Pd.
*2 Reduced by 8mW/℃ for each increase in Ta≧25℃ (when mounted on a 70mm×70mm×1.6mm glass-epoxy board, no copper foil area)
*3 Reduced by 11.6mW/℃ for each increase in Ta≧25℃ (when mounted on a 70mm×70mm×1.6mm glass-epoxy board, 2-layer,
copper foil area : 15mm×15mm)
*4 Reduced by 18.5mW/℃ for each increase in Ta≧25℃ (when mounted on a 70mm×70mm×1.6mm glass-epoxy board, 2-layer,
copper foil area : 70mm×70mm)
*5 Reduced by 25.6mW/℃ for each increase in Ta≧25℃ (when mounted on a 70mm×70mm×1.6mm glass-epoxy board, 4-layer,
copper foil area : 70mm×70mm)
●Operating Voltage(Ta=25℃)
Parameter
Symbol
BD3522EFV
BD35221EFV
BD35222EFV
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Input Voltage 1
VCC
4.3
5.5
4.3
5.5
4.3
5.5
V
Input Voltage 2
VIN
0.7
VCC-1 *
6
1.25
VCC-1 *
6
1.55
VCC-1 *
6
V
Output Voltage Setting Range
Vo
VFB
2.7
1.2 (fixed)
1.5 (fixed)
V
Enable Input Voltage
Ven
-0.3
5.5
-0.3
5.5
-0.3
5.5
V
NRCS Capacity
CNRCS
0.001
1
0.001
1
0.001
1
μF
*6 VCC and VIN do not have to be implemented in the order listed.
★This product is not designed for use in radioactive environments.


Numéro de pièce similaire - BD35222EFV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3522EFV ROHM-BD3522EFV Datasheet
1Mb / 27P
   Ultra Low Dropout Linear Regulator
BD3522EFV-E2 ROHM-BD3522EFV-E2 Datasheet
1Mb / 27P
   Ultra Low Dropout Linear Regulator
More results

Description similaire - BD35222EFV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com