Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD3501FVM Fiches technique(PDF) 9 Page - Rohm

No de pièce BD3501FVM
Description  Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD3501FVM Fiches technique(HTML) 9 Page - Rohm

Back Button BD3501FVM Datasheet HTML 5Page - Rohm BD3501FVM Datasheet HTML 6Page - Rohm BD3501FVM Datasheet HTML 7Page - Rohm BD3501FVM Datasheet HTML 8Page - Rohm BD3501FVM Datasheet HTML 9Page - Rohm BD3501FVM Datasheet HTML 10Page - Rohm BD3501FVM Datasheet HTML 11Page - Rohm BD3501FVM Datasheet HTML 12Page - Rohm BD3501FVM Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/16
●Pin Function
VCC
BD3500/01/02/04FVM has an independent power input pin for an internal circuit operation of IC. This is used for bias of IC internal circuit and external
N-MOSFET.
The voltage used of VCC terminal is 5.0V and maximum current is 1.7 mA.
It is recommended to connect a bypass capacitor of 0.1 μF or so to VCC pin.
EN
With an input of 2.0 volts or higher, the EN terminal turns to “High” level and VOUT is outputted. At 0.8V or lower, it detects “Low” level and VOUT is turned
OFF and simultaneously, the discharge circuit inside the VS terminal is activated and lowers output voltage (150 mA (Min) when VFB//VS=1V and VEN=0V).
VIN(BD3500/01/02FVM)
The VIN terminal is a drain voltage detection terminal of external N-MOSFET. In the event that the VIN terminal is lower than 1.1 times the output set voltage,
output is turned OFF to prevent low-input maloperation.
VD(BD3504FVM only)
The VD terminal is a drain voltage detection terminal of external N-MOSFET. In the event that drain voltage (VIN) is low, output voltage is turned OFF to
prevent low-input maloperation. The reset voltage (VDUVLO) of drain voltage low-input maloperation prevention circuit is determined by the following
equation:
In the event that the maloperation prevention set resistance at the time of low-input drain voltage is set to a resistance value same as output voltage set resistor
(R1 = R1’, R2 = R2’), low-input maloperation prevention (UVLO) is reset when drain voltage (VIN) reaches 70% of the output voltage. UVLO detects only at
the startup of the EN terminal.
VFB(BD3504FVM only)
The VFB terminal is a terminal to decide output voltage and is determined by the following equation:
VFB is controlled to achieve 0.65 V (typ.).
NRCS terminal
he NRCS terminal is a constant current output terminal, and operates as
Soft-Start ... during start-up
SCP-Delay ... after start-up (BD3504FVM only).
How to set Soft-Start of NRCS terminal
The output voltage startup time (TNRCS) is determined by the time when the NRCS terminal reaches VFB (0.65V). During start-up, the NRCS terminal
serves as a constant current source (INRCS) of 20 uA (Typ.) output, and charges capacitor (CNRCS) externally connected. By changing over to internal
reference voltage (0.65V) when the NRCS terminal reaches 0.65V, output voltage (VOUT) is fixed.
How to set NRCS terminal short protection Delay (BD3504FVM only)
BD3504FVM has short protection (SCP) activated when output voltage becomes VOUT x 0.35 (typ.) or lower. The time when short protection is
activated until latching takes place (TSCP) is determined by the following equation:
Tscp = CNRCS × Voscp ÷ Iscp
When short protection is activated, the NRCS terminal provides 20 uA (typ.) constant current output (lscp), and charges the capacitor (CNRCS) externally
connected. When the NRCS terminal reaches 1.3V (Voscp), latch operation is carried out and output voltage is turned OFF.
SCP(BD3500/01/02FVM)
BD3500/01/02FVM has short protection (SCP) activated when output becomes 70% or lower than the set voltage. The time when short protection is activated
until latching takes place (TSCP) is determined by the following equation:
Tscp = CNRCS × Voscp ÷ Iscp
When short protection is activated, the NRCS terminal provides 20 uA (typ.) constant current output (lscp), and charges the capacitor (CNRCS) externally
connected. When the NRCS terminal reaches 1.3V (Voscp), latch operation is carried out and output voltage is turned OFF.
VFB//VS (BD3500FVM/BD3501FVM/BD3502FVM//BD3504FVM)
VFB//VS terminal is a source voltage detection terminal of external N-MOSFET. VFB//VS terminal has the internal discharge circuit activated to lower output
voltage when EN becomes a Low level or various protection circuits (TSD, SCP, UVLO) are activated.
G
G terminal is a gate drive terminal of external N-MOSFET. Because the output voltage range of G terminal is up to 5V (VCC), it is necessary to use
N-MOSFET whose threshold is lower than “5V-VOUT.” In addition, by incorporating a RC snubber circuit to the G terminal, phase allowance of loop gain can
be increased and the terminal can accommodate ceramic capacitors.
VDUVLO=VFB×0.7×
R1’+R2
R1’
VOUT=VFB×
R1’+R2
R1’


Numéro de pièce similaire - BD3501FVM

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3501FVM ROHM-BD3501FVM Datasheet
258Kb / 6P
   Single Channel Series Regulator Driver IC
BD3501FVM ROHM-BD3501FVM Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
More results

Description similaire - BD3501FVM

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
BD3504FVM ROHM-BD3504FVM_10 Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9081A RICHTEK-RT9081A Datasheet
257Kb / 12P
   Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LXXLD32 UTC-LXXLD32 Datasheet
257Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD36 UTC-LXXLD36 Datasheet
238Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com