Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD2202G Fiches technique(PDF) 4 Page - Rohm

No de pièce BD2202G
Description  1ch Small Current Output Power Management Switch ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD2202G Fiches technique(HTML) 4 Page - Rohm

  BD2202G_09 Datasheet HTML 1Page - Rohm BD2202G_09 Datasheet HTML 2Page - Rohm BD2202G_09 Datasheet HTML 3Page - Rohm BD2202G_09 Datasheet HTML 4Page - Rohm BD2202G_09 Datasheet HTML 5Page - Rohm BD2202G_09 Datasheet HTML 6Page - Rohm BD2202G_09 Datasheet HTML 7Page - Rohm BD2202G_09 Datasheet HTML 8Page - Rohm BD2202G_09 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BD2202G,BD2206G
Technical Note
4/12
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Reference data
0.0
0.2
0.4
0.6
0.8
1.0
2
2.5
3
3.5
4
SUPPLY VOLTAGE : VIN [V]
0
10
20
30
40
50
60
70
80
90
-50
0
50
100
AMBIENT TEMPERATURE : Ta [°C]
0
10
20
30
40
50
60
70
80
90
22.5
33.54
SUPPLY VOLTAGE : VIN [V]
Fig.6 Operating current
EN Disable
Fig.7 Operating current
EN Disable
Fig.4 Operating current
EN Enable
VIN=3.3V
Ta=25°C
Fig.5 Operating current
EN Enable
0.0
0.5
1.0
1.5
2.0
22.5
33.5
4
SUPPLY VOLTAGE : VIN[V]
Low to High
High to Low
Ta=25°C
Fig.8 EN input voltage
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=3.3 V
High to Low
Low to High
Fig.9 EN input voltage
Fig.10 ON resistance
Fig.11 ON resistance
Fig.12 Short circuit output current
(BD2202G)
0
50
100
150
200
250
-50
0
50
100
AMBIENT TEMPERATURE : Ta [℃]
VIN=3.3V
Fig.13 Short circuit output current
(BD2202G)
Ta=25°C
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta [℃]
VIN=3.3V
0
50
100
150
200
250
22.533.54
SUPPLY VOLTAGE : VDD[V]
Ta=25°C
0.2
0.3
0.4
0.5
0.6
22.5
3
3.54
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Fig.14 Short circuit output current
(BD2206G)
0.2
0.3
0.4
0.5
0.6
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=3.3V
Fig.15 Short circuit output current
(BD2206G)
0.75
0.85
0.95
1.05
1.15
1.25
1.35
22.53
3.54
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
0.75
0.85
0.95
1.05
1.15
1.25
1.35
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=3.3V


Numéro de pièce similaire - BD2202G_09

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2202G-LBTR ROHM-BD2202G-LBTR Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2202G-TR ROHM-BD2202G-TR Datasheet
917Kb / 26P
   0.2A, 0.5A Current Load Switch ICs
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
BD2202G ROHM-BD2202G_14 Datasheet
917Kb / 26P
   0.2A, 0.5A Current Load Switch ICs
More results

Description similaire - BD2202G_09

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD6538G ROHM-BD6538G Datasheet
352Kb / 12P
   1ch Small Current Output Power Management Switch IC
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD6520F-E2 ROHM-BD6520F-E2 Datasheet
567Kb / 17P
   Large Current Output Power Management Switch ICs
BD6520F ROHM-BD6520F_09 Datasheet
493Kb / 17P
   Large Current Output Power Management Switch ICs
BD6524HFV ROHM-BD6524HFV Datasheet
448Kb / 10P
   1ch Small Current Output Power Managment Switch IC
BD2061AFJ ROHM-BD2061AFJ_09 Datasheet
351Kb / 13P
   1ch Large Current Output USB High Side Switch ICs
BD2041AFJ ROHM-BD2041AFJ_09 Datasheet
481Kb / 19P
   1ch Large Current Output USB High Side Switch ICs
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
   1ch Adjustable Current Limit High Side Switch ICs
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com