Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD2065AFJ Fiches technique(PDF) 11 Page - Rohm

No de pièce BD2065AFJ
Description  1ch Large Current Output USB High Side Switch ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD2065AFJ Fiches technique(HTML) 11 Page - Rohm

Back Button BD2065AFJ Datasheet HTML 5Page - Rohm BD2065AFJ Datasheet HTML 6Page - Rohm BD2065AFJ Datasheet HTML 7Page - Rohm BD2065AFJ Datasheet HTML 8Page - Rohm BD2065AFJ Datasheet HTML 9Page - Rohm BD2065AFJ Datasheet HTML 10Page - Rohm BD2065AFJ Datasheet HTML 11Page - Rohm BD2065AFJ Datasheet HTML 12Page - Rohm BD2065AFJ Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
BD2061AFJ,BD2065AFJ
Technical Note
11/12
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Notes for use
(1) Absolute Maximum Ratings
An excess in the absolute maximum ratings, such as supply voltage, temperature range of operating conditions, etc., can
break down devices, thus making impossible to identify breaking mode such as a short circuit or an open circuit. If any
special mode exceeding the absolute maximum ratings is assumed, consideration should be given to take physical safety
measures including the use of fuses, etc.
(2) Operating conditions
These conditions represent a range within which characteristics can be provided approximately as expected. The
electrical characteristics are guaranteed under the conditions of each parameter.
(3) Reverse connection of power supply connector
The reverse connection of power supply connector can break down ICs. Take protective measures against the breakdown due
to the reverse connection, such as mounting an external diode between the power supply and the IC’s power supply terminal.
(4) Power supply line
Design PCB pattern to provide low impedance for the wiring between the power supply and the GND lines. In this regard,
for the digital block power supply and the analog block power supply, even though these power supplies has the same
level of potential, separate the power supply pattern for the digital block from that for the analog block, thus suppressing
the diffraction of digital noises to the analog block power supply resulting from impedance common to the wiring patterns.
For the GND line, give consideration to design the patterns in a similar manner.
Furthermore, for all power supply terminals to ICs, mount a capacitor between the power supply and the GND terminal. At the
same time, in order to use an electrolytic capacitor, thoroughly check to be sure the characteristics of the capacitor to be used
present no problem including the occurrence of capacity dropout at a low temperature, thus determining the constant.
(5) GND voltage
Make setting of the potential of the GND terminal so that it will be maintained at the minimum in any operating state.
Furthermore, check to be sure no terminals are at a potential lower than the GND voltage including an actual electric transient.
(6) Short circuit between terminals and erroneous mounting
In order to mount ICs on a set PCB, pay thorough attention to the direction and offset of the ICs. Erroneous mounting can
break down the ICs. Furthermore, if a short circuit occurs due to foreign matters entering between terminals or between
the terminal and the power supply or the GND terminal, the ICs can break down.
(7) Operation in strong electromagnetic field
Be noted that using ICs in the strong electromagnetic field can malfunction them.
(8) Inspection with set PCB
On the inspection with the set PCB, if a capacitor is connected to a low-impedance IC terminal, the IC can suffer stress.
Therefore, be sure to discharge from the set PCB by each process. Furthermore, in order to mount or dismount the set
PCB to/from the jig for the inspection process, be sure to turn OFF the power supply and then mount the set PCB to the jig.
After the completion of the inspection, be sure to turn OFF the power supply and then dismount it from the jig. In addition,
for protection against static electricity, establish a ground for the assembly process and pay thorough attention to the
transportation and the storage of the set PCB.
(9) Input terminals
In terms of the construction of IC, parasitic elements are inevitably formed in relation to potential. The operation of the parasitic
element can cause interference with circuit operation, thus resulting in a malfunction and then breakdown of the input terminal.
Therefore, pay thorough attention not to handle the input terminals, such as to apply to the input terminals a voltage lower than
the GND respectively, so that any parasitic element will operate. Furthermore, do not apply a voltage to the input terminals when
no power supply voltage is applied to the IC. In addition, even if the power supply voltage is applied, apply to the input terminals
a voltage lower than the power supply voltage or within the guaranteed value of electrical characteristics.
(10) Ground wiring pattern
If small-signal GND and large-current GND are provided, It will be recommended to separate the large-current GND
pattern from the small-signal GND pattern and establish a single ground at the reference point of the set PCB so that
resistance to the wiring pattern and voltage fluctuations due to a large current will cause no fluctuations in voltages of the
small-signal GND. Pay attention not to cause fluctuations in the GND wiring pattern of external parts as well.
(11) External capacitor
In order to use a ceramic capacitor as the external capacitor, determine the constant with consideration given to a
degradation in the nominal capacitance due to DC bias and changes in the capacitance due to temperature, etc.
(12) Thermal shutdown circuit (TSD)
When junction temperatures become detected temperatures or higher, the thermal shutdown circuit operates and turns a
switch OFF. The thermal shutdown circuit, which is aimed at isolating the LSI from thermal runaway as much as possible,
is not aimed at the protection or guarantee of the LSI. Therefore, do not continuously use the LSI with this circuit
operating or use the LSI assuming its operation.
(13) Thermal design
Perform thermal design in which there are adequate margins by taking into account the power dissipation (Pd) in actual states of use.


Numéro de pièce similaire - BD2065AFJ

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2065AFJ ROHM-BD2065AFJ Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2065AFJ ROHM-BD2065AFJ Datasheet
488Kb / 25P
   High Side Switch ICs
BD2065AFJ-E2 ROHM-BD2065AFJ-E2 Datasheet
488Kb / 25P
   High Side Switch ICs
BD2065AFJ-E2 ROHM-BD2065AFJ-E2 Datasheet
1,023Kb / 26P
   1.5A Current Limit High Side Switch ICs
More results

Description similaire - BD2065AFJ

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ_09 Datasheet
481Kb / 19P
   1ch Large Current Output USB High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
   1ch Adjustable Current Limit High Side Switch ICs
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2244G-M ROHM-BD2244G-M_16 Datasheet
2Mb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_09 Datasheet
429Kb / 14P
   2ch Small Current Output USB High Side Switch ICs
BD22441G-C ROHM-BD22441G-C Datasheet
1Mb / 28P
   Automotive 1ch Adjustable Current Limit High Side Switch ICs
11.Apr.2022 Rev.004
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BD2202G ROHM-BD2202G_09 Datasheet
453Kb / 13P
   1ch Small Current Output Power Management Switch ICs
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com