Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD45251 Fiches technique(PDF) 9 Page - Rohm

No de pièce BD45251
Description  Counter Timer Built-in CMOS Voltage Detector IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD45251 Fiches technique(HTML) 9 Page - Rohm

Back Button BD45251 Datasheet HTML 2Page - Rohm BD45251 Datasheet HTML 3Page - Rohm BD45251 Datasheet HTML 4Page - Rohm BD45251 Datasheet HTML 5Page - Rohm BD45251 Datasheet HTML 6Page - Rohm BD45251 Datasheet HTML 7Page - Rohm BD45251 Datasheet HTML 8Page - Rohm BD45251 Datasheet HTML 9Page - Rohm BD45251 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Technical Note
9/9
BD45
□□□G, BD46□□□G series
www.rohm.com
2009.05 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
 Part Number Selection
B
D
4
5
2
3
1
G
T
R
BD45:
Open Drain Type
CMOS Detector IC with
Built-In Counter Timer
Reset Voltage Value
23: 2.3V
Counter Timer
Delay Time Settings
Package
GSSOP5
Taping Specifications
Embossed Taping
48: 4.8V
5: 50ms
1: 100ms
BD46:
CMOS Output Type
CMOS Detector IC with
Built-In Counter Timer
2: 200ms
<Tape and Reel information> SSOP5
Embossed carrier tape
TR (The direction is the 1pin of product is at the upper left
when you hold reel on the left hand and you pull out the tape
on the right hand)
Tape
Quantity
Direction
of feed
3000pcs
* When you order, please order in times the amount of package quantity
.
Reel
Direction of feed
1Pin
XX X
X X X
XX X
X X X
XX X
X X X
X X X
X X X
X X X
X X X
SSOP5
<Dimension>
0.1
2.9
±0.2
0.13
4°
+6°
4°
+0.05
−0.03
0.42 +
0.05
−0.04
0.95
5
4
12
3
(Unit:mm)


Numéro de pièce similaire - BD45251

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD45251 ROHM-BD45251 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD45251 ROHM-BD45251 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45251 ROHM-BD45251 Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45251G ROHM-BD45251G Datasheet
469Kb / 4P
   VOLTAGE DETECTOR IC
BD45251G ROHM-BD45251G Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results

Description similaire - BD45251

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU45K232G-TL ROHM-BU45K232G-TL Datasheet
466Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45EXXXX-M ROHM-BD45EXXXX-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45E235G-MTR ROHM-BD45E235G-MTR Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45485 ROHM-BD45485 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD45XXXG ROHM-BD45XXXG Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com