Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA7627FV Fiches technique(PDF) 7 Page - Rohm

No de pièce BA7627FV
Description  Triple Circuits Video Signal Switchers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA7627FV Fiches technique(HTML) 7 Page - Rohm

  BA7627FV Datasheet HTML 1Page - Rohm BA7627FV Datasheet HTML 2Page - Rohm BA7627FV Datasheet HTML 3Page - Rohm BA7627FV Datasheet HTML 4Page - Rohm BA7627FV Datasheet HTML 5Page - Rohm BA7627FV Datasheet HTML 6Page - Rohm BA7627FV Datasheet HTML 7Page - Rohm BA7627FV Datasheet HTML 8Page - Rohm BA7627FV Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/8
●Reference data
●Selection of order type
0
5
10
15
20
25
30
4
567
SUPPLY VOLTAGE : Vcc (V)
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.1
1
10
100
FREQUENCY : f (MHz)
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.1
1
10
100
FREQUENCY : f (MHz)
-80
-70
-60
-50
-40
-30
-20
-10
0
0.1
1
10
FREQUENCY (MHz)
BA7603F
Fig.8 Circuit current vs. Supply voltage
Fig.9 Frequency characteristics vs.
Supply voltage
Fig.10 Frequency characteristics
vs. temperature
Fig.11 Interchannel crosstalk
Fig.12 Switching characteristics1
Fig.13 Switching characteristics2
Vcc=5.0V
Ta=-30℃
Ta=25℃
Ta=90℃
Ta=25℃
Vcc=5.0V
Vcc=6.0V
Vcc=4.0V
Vcc=5.0V
BA7603F
BA7603F
BA7606F
BA7606F
BA7606F
Ta=25℃
Ta=-30℃
Ta=90℃
Vcc=5.0V, Ta=25℃
0.2 0.3 0.5
2
3
5
OUTa (3pin)
500mV/DIV
CTLa (2pin)
2V/DIV
20nsec/DIV
Vcc=5.0V, Ta=25℃
INPUT IN2a(1pin) f=1MHz,1Vpp
INPUT IN2a(1pin) f=1MHz,1Vpp
Vcc=5.0V, Ta=25℃
OUTa (3pin)
500mV/DIV
CTLa (2pin)
2V/DIV
20nsec/DIV
OFF→ON
ON→OFF
B
A
7
6
0
2
Part. No
F
E
2
Tape and Reel information
BA7602F
BA7603F
BA7606F/FS
BA7607F
BA7609F
BA7627FV
BA7602F
BA7603F
BA7606F/FS
BA7607F
BA7609F
BA7627FV
E2
E2
E2
E2
E2
E2
Tape
Quantity
Direction
of feed
Embossed carrier tape
2500pcs
(The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand)
Reel
<Tape and Reel information>
E2
1Pin
SOP16
(Unit:mm)
<Dimension>
0.15
±0.1
0.4
±0.1
1
16
10.0
±0.2
8
9
1.27
0.1
Direction of feed
When you order , please order in times the amount of package quantity.


Numéro de pièce similaire - BA7627FV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA7627FV ROHM-BA7627FV Datasheet
213Kb / 5P
   Triple Circuits Video Signal Switchers
More results

Description similaire - BA7627FV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA7606F ROHM-BA7606F Datasheet
160Kb / 5P
   Triple Circuits Video Signal Switchers
BA7603F ROHM-BA7603F Datasheet
148Kb / 5P
   Triple Circuits Video Signal Switchers
BA7607F ROHM-BA7607F Datasheet
153Kb / 5P
   Triple Circuits Video Signal Switchers
BA7607F ROHM-BA7607F Datasheet
159Kb / 5P
   Triple Circuits Video Signal Switchers
BA7627FV ROHM-BA7627FV Datasheet
213Kb / 5P
   Triple Circuits Video Signal Switchers
BA7606F ROHM-BA7606F Datasheet
165Kb / 5P
   Triple Circuits Video Signal Switchers
BA7657F ROHM-BA7657F_08 Datasheet
817Kb / 17P
   Broadband Triple Circuits Video Signal Switchers
BA7609F ROHM-BA7609F Datasheet
160Kb / 5P
   Triple Circuits Video Signal, Audio Signal Switchers
BA7609F ROHM-BA7609F Datasheet
155Kb / 5P
   Triple Circuits Video Signal, Audio Signal Switchers
BA7602F ROHM-BA7602F Datasheet
152Kb / 5P
   Triple Circuits Video Signal, Audio Signal Switchers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com