Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA6950FS Fiches technique(PDF) 3 Page - Rohm

No de pièce BA6950FS
Description  Reversible Motor Drivers for 0.8A or less (1 Motor)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA6950FS Fiches technique(HTML) 3 Page - Rohm

  BA6950FS_10 Datasheet HTML 1Page - Rohm BA6950FS_10 Datasheet HTML 2Page - Rohm BA6950FS_10 Datasheet HTML 3Page - Rohm BA6950FS_10 Datasheet HTML 4Page - Rohm BA6950FS_10 Datasheet HTML 5Page - Rohm BA6950FS_10 Datasheet HTML 6Page - Rohm BA6950FS_10 Datasheet HTML 7Page - Rohm BA6950FS_10 Datasheet HTML 8Page - Rohm BA6950FS_10 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Technical Note
3/9
BA6950FS, BA6951FS
www.rohm.com
2010.02 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Electrical characteristic curves (Reference data)
Fig.1 Supply current 1 (Forward)
Fig.2 Supply current 2 (Standby)
Fig.3 Supply current 3
(BA6950FS)
(BA6950FS)
Fig.4 Supply current 1 (Forward)
Fig.5 Supply current 2 (Standby)
Fig.6 Input bias current
(BA6951FS)
(BA6951FS)
Fig.7 Output saturation voltage H
Fig.8 Output saturation voltage L
Fig.9 Input threshold voltage
(BA6950FS)
(BA6950FS)
Fig.10 Output saturation voltage H
Fig.11 Output saturation voltage L
Fig.12 Thermal derating curve
(BA6951FS)
(BA6951FS)
(SSOP-A16)
4.0
4.2
4.4
4.6
4.8
5.0
0
0.2
0.4
0.6
0.8
Output Current: Iout [A]
-20°C
25°C
75°C
0.0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
Output Current: Iout [A]
75°C
25°C
-25°C
0.0
0.5
1.0
1.5
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [°C]
ii) 0.813W
ii) Mounted on ROHM standard PCB
(70mm x 70mm x 1.6mm FR4 glass-epoxy board)
i) Package only
i) 0.625W
1
2
3
4
5
34
56
Supply Voltage: Vcc [V]
-20°C
25°C
75°C
0.0
0.1
0.2
0.3
0.4
34
56
Supply Voltage: VB [V]
-20°C
25°C
75°C
0.4
0.5
0.6
0.7
0.8
0.9
34
56
Supply Voltage: Vcc [V]
-20°C
25°C
75°C
0
100
200
300
400
01
23
45
Input Voltage: VR/F [V]
-25°C
25°C
75°C
1
2
3
4
5
34
56
Supply Voltage: Vcc [V]
-20°C
25°C
75°C
0.4
0.5
0.6
0.7
0.8
0.9
34
56
Supply Voltage: Vcc [V]
-20°C
25°C
75°C
4.0
4.2
4.4
4.6
4.8
5.0
0
0.1
0.2
0.3
0.4
Output Current: Iout [A]
-20°C
25°C
75°C
0.0
0.2
0.4
0.6
0.8
1.0
0
0.1
0.2
0.3
0.4
Output Current: Iout [A]
75°C
25°C
-25°C
0.0
1.0
2.0
3.0
4.0
5.0
01
234
Input Voltage: VR/F [V]
75°C
25°C
-25°C


Numéro de pièce similaire - BA6950FS_10

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6950FS ROHM-BA6950FS_1 Datasheet
308Kb / 5P
   Reversible Motor Driver
BA6950FS ROHM-BA6950FS_11 Datasheet
307Kb / 11P
   0.5A or Less Reversible Motor Driver (Single Motor)
More results

Description similaire - BA6950FS_10

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
BD7931F-E2 ROHM-BD7931F-E2 Datasheet
396Kb / 11P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM_11 Datasheet
253Kb / 9P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BA6950FS ROHM-BA6950FS_11 Datasheet
307Kb / 11P
   0.5A or Less Reversible Motor Driver (Single Motor)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com