Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA6222 Fiches technique(PDF) 10 Page - Rohm

No de pièce BA6222
Description  Reversible motor drivers (up to 2A series)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA6222 Fiches technique(HTML) 10 Page - Rohm

Back Button BA6222 Datasheet HTML 3Page - Rohm BA6222 Datasheet HTML 4Page - Rohm BA6222 Datasheet HTML 5Page - Rohm BA6222 Datasheet HTML 6Page - Rohm BA6222 Datasheet HTML 7Page - Rohm BA6222 Datasheet HTML 8Page - Rohm BA6222 Datasheet HTML 9Page - Rohm BA6222 Datasheet HTML 10Page - Rohm BA6222 Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Technical Note
10/10
BA6219BFP-Y, BA6222
www.rohm.com
2009.04 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
HSOP25
(Unit:mm)
<Dimension>
2.75
± 0.1
1.95
± 0.1
25
14
1
13
0.36
± 0.1
0.25
± 0.1
13.6
± 0.2
0.8
0.1
Tape
Quantity
Direction
of feed
Embossed carrier tape
2000pcs
(Holding the reel with the left hand and pulling the tape out with the right,
pin 1 will be on the upper left-hand side.)
<Tape and reel information>
E2
Reel
1Pin
Direction of feed
*Orders should be placed in multiples of package quantity.
HSIP10
(Unit:mm)
<Dimension>
Container
Quantity
Direction
of feed
Tube
500pcs
<Tape and reel information>
Direction of products is fixed in a container tube.
*Orders should be placed in multiples of package quantity.
0.6
0.8
1.3
26.5
± 0.3
1
2.54
25
± 0.2
R1.6
10
0.5
± 0.1
3.6
± 0.2


Numéro de pièce similaire - BA6222

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6222 ROHM-BA6222 Datasheet
76Kb / 6P
   Reversible motor driver
BA6222 ROHM-BA6222 Datasheet
290Kb / 5P
   Reversible Motor Driver
BA6222 ROHM-BA6222 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6222 ROHM-BA6222_1 Datasheet
290Kb / 5P
   Reversible Motor Driver
More results

Description similaire - BA6222

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6956AN ROHM-BA6956AN_09 Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6246 ROHM-BA6246_09 Datasheet
360Kb / 16P
   Reversible motor drivers (for two motors series)
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com