Moteur de recherche de fiches techniques de composants électroniques |
|
BA15218F Fiches technique(PDF) 10 Page - Rohm |
|
BA15218F Fiches technique(HTML) 10 Page - Rohm |
10 / 34 page Technical Note BA4558F,BA4560F,BA4558RF/FV/FVM,BA4560RF/FV/FVM,BA4580RF/FVM, BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM 10/33 www.rohm.com 2009.05 - Rev.A © 2009 ROHM Co., Ltd. All rights reserved. 0 5 10 15 20 25 30 1 10 100 1000 FREQUENCY [KHz] ○ BA4560 family (*) The above data is ability value of sample, it is not guaranteed. 0 10 20 30 40 50 1.E+00 1.E+02 1.E+04 1.E+06 1.E+08 SUPPLY VOLTAGE [V] 0 20 40 60 80 100 120 140 160 180 200 -30 -20 -10 0 10 20 30 ±0 ±2 ±4 ±6 ±8 ±10 ±12 ±14 ±16 SUPPLY VOLTAGE [V] -5 -4 -3 -2 -1 0 1 2 3 4 5 0 246 8 COMMON MODE INPUT VOLTAGE [V] 0 20 40 60 80 1 100 10000 FREQUENCY [Hz] 0.0001 0.001 0.01 0.1 1 0.1 1 10 OUTPUT VOLTAGE [Vrms] 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [℃] 0 1 2 3 4 5 6 ±2 ±4 ±6 ±8 ±10 ±12 ±14 ±16 SUPPLY VOLTAGE [V] 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] Equivalent Input Noise Voltage – Frequency (VCC/VEE=+15[V]/-15[V],Rs=100[Ω],Ta=25[℃]) Total Harmonic Distortion – Output Voltage (VCC/VEE=+15[V]/-15[V],Av=20[dB], RL=2[kΩ],80[kHz]-LPF,Ta=25[℃]) Slew Rate – Supply Voltage (CL=100[pF],RL=2[kΩ],Ta=25[℃]) Common Mode Rejection Ratio – Ambient Temperature (VCC/VEE=+15[V]/-15[V],Vicm=-12[V] to +12[V]) -30 -20 -10 0 10 20 30 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] Input Offset Current – Ambient Temperature (Vicm=0[V],Vout=0[V]) 85℃ -40℃ 25℃ Power Supply Rejection Ratio – Ambient Temperature (VCC/VEE=+4[V]/-4[V] to +15[V]/-15[V]) Input Offset Current – Supply Voltage (Vicm=0[V],Vout=0[V]) ±4V ±15V ±7.5V Maximum Output Voltage Swing – Frequency (VCC/VEE=+15[V]/-15[V],RL=2[kΩ],Ta=25[℃]) Input Offset Voltage – Common Mode Input Voltage (VCC=8[V],Vout=4[V]) 85℃ 25℃ -40℃ 20Hz 20kHz 1kHz BA4560 family BA4560 family BA4560 family BA4560 family BA4560 family BA4560 family BA4560 family BA4560 family BA4560 family PHASE GAIN BA4560 family FREQUENCY [kHz] FREQUENCY [Hz] Voltage Gain – Frequency (VCC/VEE=+15[V]/-15[V],Av=40[dB],RL=2[kΩ],Ta=25[℃]) Fig. 35 Fig. 36 Fig. 37 Fig. 38 Fig. 39 Fig. 40 Fig. 41 Fig. 42 Fig. 43 Fig. 44 |
Numéro de pièce similaire - BA15218F |
|
Description similaire - BA15218F |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |