Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA4558F Fiches technique(PDF) 1 Page - Rohm

No de pièce BA4558F
Description  Operational Amplifiers: Low Noise
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA4558F Fiches technique(HTML) 1 Page - Rohm

  BA4558F Datasheet HTML 1Page - Rohm BA4558F Datasheet HTML 2Page - Rohm BA4558F Datasheet HTML 3Page - Rohm BA4558F Datasheet HTML 4Page - Rohm BA4558F Datasheet HTML 5Page - Rohm BA4558F Datasheet HTML 6Page - Rohm BA4558F Datasheet HTML 7Page - Rohm BA4558F Datasheet HTML 8Page - Rohm BA4558F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1/33
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
General-purpose
High-reliability
BA4560 family
BA15218 family
BA14741 family
BA15532 family
BA4510 family
BA4558R family
BA4560R family
BA4580R family
BA2115 family
Dual
Dual
Dual
Dual
Dual
Dual
Dual
Dual
Quad
BA4558 family
Dual
Dual
ROHM’s Selection Operational Amplifier/Comparator Series
Operational Amplifiers:
Low Noise
BA4558F,BA4558RF/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4580RF/FVM
BA2115F/FVM,BA15218F,BA14741F,BA15532FBA4510F/FV
Description
General-purpose BA4558 / BA4560 / BA15218 / BA14741 /
BA15532 / BA4510 family and high-reliability BA4558R / BA4560R /
BA4580R / BA2115 family integrate two or four independent
Op-Amps on a single chip.
Especially, this series is suitable for any audio applications due to
low noise and low distortion characteristics and are usable for other
many applications by wide operating supply voltage range.
BA4558R/BA4560R/BA4580R/BA2115 are high-reliability products
with extended operating temperature range and high ESD tolerance.
Features
1) High voltage gain, low noise, low distortion
2) Internal phase compensation
3) No latch up immunity
4) Wide operating supply voltage
±
4.0[V]~±15.0[V](split supply)
(BA4558/BA4560/BA4558R/BA4560R family)
±
2.0[V]~±16.0[V](split supply)
(BA4580R/BA15218 family)
±
2.0[V]~±18.0[V](split supply)
(BA14741 family)
±
3.0[V]~±20.0[V](split supply)
(BA15532 family)
±
1.0[V]~±3.5[V](split supply)
(BA4510 family)
±
1.0[V]~±7.0[V](split supply)
(BA2115 family)
5) Internal ESD protection
Human body mode (HBM) ±5000[V](Typ.) (BA4558R/BA4560R/BA4580R/BA2115 family)
6) Wide temperature range
-40[℃]~+85[℃]
(BA4558/BA4560/BA15218/BA14741/BA2115 family)
-40[℃]~+105[℃]
(BA4558R/BA4560R/BA4580R family)
Pin Assignments
SOP8
SSOP-B8
MSOP8
SOP14
BA4558F
BA4558R FV
BA4558R FVM
BA4560F
BA4560R FV
BA4560R FVM
BA4580R F
BA4580R FVM
BA15218F
BA15532F
BA14741F
VCC
OUT2
1
2
3
4
8
7
5
OUT1
-IN1
+IN1
VEE
-IN2
+IN2
CH1
- +
CH2
+ -
6
OUT1
-IN1
+IN1
-IN2
CH1
-
+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
+IN2
OUT2
OUT4
-IN4
+IN4
-IN3
VEE
+IN3
OUT3
CH4
+
-
CH2
-
+
CH3
+
-
BA4510F
BA2115F
BA4510FV
BA2115FVM
BA4558R F
BA4560R F
No.09049EAT02
BA2115F
BA4510F


Numéro de pièce similaire - BA4558F

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA4558F ROHM-BA4558F Datasheet
58Kb / 5P
   Dual operational amplifier
BA4558F ROHM-BA4558F Datasheet
173Kb / 3P
   Dual Operational Amplifier
BA4558F ROHM-BA4558F Datasheet
250Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
BA4558F ROHM-BA4558F Datasheet
1Mb / 49P
   Low Noise Operational Amplifiers
BA4558F ROHM-BA4558F Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
More results

Description similaire - BA4558F

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com