Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA3472FVM Fiches technique(PDF) 8 Page - Rohm

No de pièce BA3472FVM
Description  Operational Amplifiers: High Speed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA3472FVM Fiches technique(HTML) 8 Page - Rohm

Back Button BA3472FVM Datasheet HTML 2Page - Rohm BA3472FVM Datasheet HTML 3Page - Rohm BA3472FVM Datasheet HTML 4Page - Rohm BA3472FVM Datasheet HTML 5Page - Rohm BA3472FVM Datasheet HTML 6Page - Rohm BA3472FVM Datasheet HTML 7Page - Rohm BA3472FVM Datasheet HTML 8Page - Rohm BA3472FVM Datasheet HTML 9Page - Rohm BA3472FVM Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
BA3472F,BA3472FV,BA3472FVM
Technical Note
8/9
www.rohm.com
2009.11 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
●Ordering part number
B
A
3
4
7
2
F
V
-
E
2
Part No.
Part No.
Package
F: SOP8
FV: SSOP-B8
FVM: MSOP8
Packaging and forming specification
E2: Embossed tape and reel
(SOP8/SSOP-B8)
TR: Embossed tape and reel
(MSOP8)
(Unit : mm)
SOP8
4
°
+6°
−4°
0.17
+0.1
-0.05
0.595
6
4
3
8
2
5
1
7
5.0
±0.2
(MAX 5.35 include BURR)
1.27
0.42
±0.1
S
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin
(Unit : mm)
SSOP-B8
0.08 M
12 34
5
6
7
8
+0.06
-0.04
0.22
0.65
(0.52)
3.0
±0.2
0.15
±0.1
(MAX 3.35 include BURR)
S
0.1
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin


Numéro de pièce similaire - BA3472FVM

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA3472FVM ROHM-BA3472FVM Datasheet
571Kb / 21P
   High Speed with High Voltage Operational Amplifiers
BA3472FVM ROHM-BA3472FVM Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3472FVM ROHM-BA3472FVM Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
BA3472FVM-TR ROHM-BA3472FVM-TR Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3472FVM-TR ROHM-BA3472FVM-TR Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
More results

Description similaire - BA3472FVM

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA3472YFC ROHM-BA3472YFC Datasheet
659Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
   HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA132 TI1-OPA132 Datasheet
1Mb / 30P
[Old version datasheet]   High-Speed FET-Input Operational Amplifiers
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS274 STMICROELECTRONICS-TS274 Datasheet
198Kb / 15P
   HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
logo
STMicroelectronics
TS274C STMICROELECTRONICS-TS274C Datasheet
90Kb / 8P
   HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
TS512 STMICROELECTRONICS-TS512 Datasheet
54Kb / 7P
   HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com