Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2419DR Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2419DR
Description  N1 and ORing Power Rail Controller with Enable
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2419DR Fiches technique(HTML) 2 Page - Texas Instruments

  TPS2419DR Datasheet HTML 1Page - Texas Instruments TPS2419DR Datasheet HTML 2Page - Texas Instruments TPS2419DR Datasheet HTML 3Page - Texas Instruments TPS2419DR Datasheet HTML 4Page - Texas Instruments TPS2419DR Datasheet HTML 5Page - Texas Instruments TPS2419DR Datasheet HTML 6Page - Texas Instruments TPS2419DR Datasheet HTML 7Page - Texas Instruments TPS2419DR Datasheet HTML 8Page - Texas Instruments TPS2419DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TPS2419
SLVS998A – FEBRUARY 2010 – REVISED MARCH 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PRODUCT INFORMATION(1)
MOSFET GATE
DEVICE
TEMPERATURE
PACKAGE(1)
MARKING
CONTROL
PW (TSSOP-8)
TPS2419
–40°C to 85°C
ON/OFF
TPS2419
D (SO-8)
(1)
For package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI Web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
over recommended operating junction temperature range, voltages are referenced to GND (unless otherwise noted)
VALUE
UNIT
A, C voltage
–0.3 to 18
V
A above C voltage
7.5
V
C above A voltage
18
V
GATE, BYP voltage(2)
–0.3 to 30
V
BYP to A voltage
–0.3 to 13
V
GATE above BYP voltage
0.3
V
RSET(2) voltage
–0.3 to 7
V
EN
–0.3 to 5.5
V
GATE short to A or C or GND
Indefinite
Human body model
2
kV
ESD
Charged device model
500
V
TJ
Maximum junction temperature
Internally limited
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltage should not be applied to these pins.
DISSIPATION RATINGS
POWER RATING
PACKAGE
qJA – Low k °C/W
qJA – High k °C/W
High k
TA = 85°C (mW)
PW (TSSOP)
258
159
250
D (SO)
176
97.5
410
2
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2419


Numéro de pièce similaire - TPS2419DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2410PW TI-TPS2410PW Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
More results

Description similaire - TPS2419DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2412D TI1-TPS2412D Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_17 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V01 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_15 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com