Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1862 Fiches technique(PDF) 1 Page - Rohm

No de pièce 2SD1862
Description  Medium power transistor (32V, 2A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

2SD1862 Fiches technique(HTML) 1 Page - Rohm

  2SD1862 Datasheet HTML 1Page - Rohm 2SD1862 Datasheet HTML 2Page - Rohm 2SD1862 Datasheet HTML 3Page - Rohm 2SD1862 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.B
Medium power transistor (32V, 2A)
2SD1766 / 2SD1758 / 2SD1862
Features
Dimensions (Unit : mm)
1) Low VCE(sat).
VCE(sat) = 0.5V (Typ.)
(IC/IB = 2A / 0.2A)
2) Complements the 2SB1188 / 2SB1182 / 2SB1240
Structure
Epitaxial planar type NPN silicon transistor
Absolute maximum ratings (Ta=25
C)
2SD1766
2SD1758
2SD1862
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Storage temperature
Collector
power
dissipation
∗1 Single pulse, PW=20ms
∗2 When mounted on a 40×40×0.7 mm ceramic board.
∗3 Printed circuit board: 1.7 mm thick, collector copper plating 1 cm2 or lager.
Parameter
Symbol
Limits
Unit
VCBO
40
V
VCEO
32
V
VEBO
5V
IC
2
A (DC)
2.5
A (Pulse)
∗1
Tj
150
°C
Tstg
−55~+150
°C
PC
0.5
1
∗3
W
2
∗2
10
W (TC
=25°C)
W
−0.05
+0.1
−0.1
+0.2
+0.2
−0.1
(3)
(2)
(1)
3.0
±0.2
1.5
±0.1
1.5
±0.1
0.4
±0.1
0.5
±0.1
0.4
±0.1
0.4
1.5
4.5
1.6
±0.1
−0.1
+0.2
−0.1
+0.2
2.3
±0.2
2.3
±0.2
0.65
±0.1
0.9
0.75
1.0
±0.2
0.55
±0.1
2.3
0.5
±0.1
6.5
±0.2
5.1
C0.5
(3)
(2)
(1)
6.8
±0.2
2.5
±0.2
1.05
0.45
±0.1
2.54 2.54
0.5
±0.1
(1)
(2)
(3)
0.65Max.
(1) Emitter
(2) Collector
(3) Base
ROHM : ATV
(1) Base
(2) Collector
(3) Emitter
ROHM : CPT3
EIAJ : SC-63
(1) Base
(2) Collector
(3) Emitter
ROHM : MPT3
EIAJ : SC-62
2SD1766
2SD1758
2SD1862
Abbreviated symbol : DB
∗ Denotes hFE


Numéro de pièce similaire - 2SD1862

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SD1862 ROHM-2SD1862 Datasheet
107Kb / 4P
   Medium Power Transistor (32V, 2A)
2SD1862 ROHM-2SD1862 Datasheet
124Kb / 4P
   Medium Power Transistor (32V, 2A)
2SD1862 ROHM-2SD1862 Datasheet
157Kb / 3P
   Medium power transistor (32V, 2A)
logo
Foshan Blue Rocket Elec...
2SD1862 FOSHAN-2SD1862 Datasheet
839Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
logo
Rohm
2SD1862 ROHM-2SD1862 Datasheet
176Kb / 4P
   Medium power transistor (32V, 2A)
More results

Description similaire - 2SD1862

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SB1182 ROHM-2SB1182 Datasheet
153Kb / 4P
   Medium power transistor (-32V, -2A)
logo
Littelfuse
2SD1758TLR LITTELFUSE-2SD1758TLR Datasheet
111Kb / 3P
   Medium power transistor (32V, 2A)
logo
Rohm
2SB891F ROHM-2SB891F Datasheet
538Kb / 11P
   MEDIUM POWER TRANSISTOR(-32V, -2A)
2SB1188 ROHM-2SB1188_09 Datasheet
180Kb / 4P
   Medium power transistor (-32V, -2A)
logo
Nanjing International G...
2SB1188 DGNJDZ-2SB1188 Datasheet
483Kb / 4P
   Medium power transistor(-32V,-2A)
logo
Rohm
2SD1758 ROHM-2SD1758 Datasheet
157Kb / 3P
   Medium power transistor (32V, 2A)
MP6X2 ROHM-MP6X2 Datasheet
118Kb / 4P
   Medium Power Transistor (32V, 2A)
MP6Z2 ROHM-MP6Z2 Datasheet
119Kb / 6P
   Medium Power Transistor (32V, 2A)
2SB1182TLR ROHM-2SB1182TLR Datasheet
116Kb / 4P
   Medium power transistor (32V,2A)
2SB1188T100Q ROHM-2SB1188T100Q Datasheet
180Kb / 4P
   Medium power transistor (32V, 2A)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com