Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1277 Fiches technique(PDF) 1 Page - Wing Shing Computer Components

No de pièce 2SD1277
Description  NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINGS [Wing Shing Computer Components]
Site Internet  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

2SD1277 Fiches technique(HTML) 1 Page - Wing Shing Computer Components

  2SD1277 Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SD1277
NPN SILICON DARLINGTON TRANSISTOR
SWITCHING REGULATORS PWM INVERTERS
SOLENOID AND RELAY DRIVERS
SC-65
ABSOLUTE MAXIMUM RATINGS (TA=25℃
℃)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Collector Current (DC)
Collector Dissipation (Tc=25℃)
Junction Temperature
Storage Temperature
VCBO
VCEO
IC
PC
Tj
Tstg
60
60
8
45
150
-50~150
V
V
A
W
ELECTRICAL CHARACTERISTICS (TA=25℃
℃)
))
)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Collector Cutoff Current
Collector Cutoff Current
DC Current Gain
Collector- Emitter Saturation Voltage
ICBO
ICEO
hFE
VCE(sat)
VCB= 60V , IE=0
VCB= 60V , IB=0
VCE= 5V , IC=0.5A
IC=0.5A , IB=0.001A
1000
10
10
10000
1.5
µA
µA
V
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com


Numéro de pièce similaire - 2SD1277

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD1277 PANASONIC-2SD1277 Datasheet
71Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For midium-speed switching)
2SD1277 PANASONIC-2SD1277 Datasheet
62Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For midium speed power switching)
logo
Savantic, Inc.
2SD1277 SAVANTIC-2SD1277 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1277 JMNIC-2SD1277 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1277 ISC-2SD1277 Datasheet
139Kb / 3P
   Silicon NPN Power Transistors
More results

Description similaire - 2SD1277

FabricantNo de pièceFiches techniqueDescription
logo
Wing Shing Computer Com...
MJ11018 WINGS-MJ11018 Datasheet
21Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
2SC1983 WINGS-2SC1983 Datasheet
64Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
2SD1092 WINGS-2SD1092 Datasheet
26Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
2SD1128 WINGS-2SD1128 Datasheet
65Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
MJ11014 WINGS-MJ11014 Datasheet
20Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
MJ11032 WINGS-MJ11032 Datasheet
24Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
MJ11016 WINGS-MJ11016 Datasheet
19Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
MJ11020 WINGS-MJ11020 Datasheet
21Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
MJ11012 WINGS-MJ11012 Datasheet
19Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
MJ11022 WINGS-MJ11022 Datasheet
21Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com