Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SAR512P Fiches technique(PDF) 2 Page - Rohm

No de pièce 2SAR512P
Description  Medium Power Transistors (−30V / −2A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

2SAR512P Fiches technique(HTML) 2 Page - Rohm

  2SAR512P_09 Datasheet HTML 1Page - Rohm 2SAR512P_09 Datasheet HTML 2Page - Rohm 2SAR512P_09 Datasheet HTML 3Page - Rohm 2SAR512P_09 Datasheet HTML 4Page - Rohm 2SAR512P_09 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.10 - Rev.A
Data Sheet
2SAR512P
Electrical characteristic (Ta = 25
°C)
Symbol
Min.
Typ.
Max.
Unit
Collector-emitter breakdown voltage
BVCBO
-30
-
-
V
IC= -1mA
Collector-base breakdown voltage
BVCEO
-30
-
-
V
IC= -100µA
Emitter-base breakdown voltage
BVEBO
-6
-
-
V
IE= -100µA
Collector cut-off current
ICBO
--
-1
µA VCB= -30V
Emitter cut-off current
IEBO
--
-1
µA VEB= -4V
Collector-emitter staturation voltage
VCE(sat)
-
-200
-400
mV IC= -700mA, IB= -35mA
DC current gain
hFE
200
-
500
-
VCE= -2V, IC= -100mA
Turn-on time
ton
-30
-
ns
Storage time
tstg
-170
-
ns
Fall time
tf
-15
-
ns
*1 Pulsed
*2 See switching time test circuit
pF
VCB= -10V, IE=0A
f=1MHz
-
IC= -1A,IB1= -100mA,
IB2=100mA,VCC -10V
Conditions
Parameter
MHz
430
-
VCE= -10V
IE=100mA, f=100MHz
Transition frequency
fT
-
-15
Collector output capacitance
Cob
*1
*2
*2
*2
*1
~_


Numéro de pièce similaire - 2SAR512P_09

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SAR512P5 ROHM-2SAR512P5 Datasheet
1Mb / 9P
   Medium Power Transistors(-30V/-2A)
2SAR512PFRA ROHM-2SAR512PFRA Datasheet
1Mb / 8P
   Middle Power Transistor(-30V/-2A)
More results

Description similaire - 2SAR512P_09

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
MP6T2 ROHM-MP6T2 Datasheet
112Kb / 4P
   Medium Power Transistor (−32V, −2A)
2SB1561 ROHM-2SB1561_09 Datasheet
175Kb / 3P
   Medium Power Transistor (−60V, −2A)
2SB1427 ROHM-2SB1427_1 Datasheet
69Kb / 3P
   Power transistor (−20V, −2A)
2SB1580 ROHM-2SB1580 Datasheet
78Kb / 3P
   Power Transistor (−100V , −2A)
RSS090P03 ROHM-RSS090P03 Datasheet
85Kb / 5P
   Switching (−30V, −9.0A)
logo
Comset Semiconductor
BSV15 COMSET-BSV15 Datasheet
81Kb / 4P
   MEDIUM POWER TRANSISTORS
logo
Rohm
SP8J4 ROHM-SP8J4 Datasheet
66Kb / 5P
   Switching (−30V, −2.0A)
logo
STMicroelectronics
STF817 STMICROELECTRONICS-STF817 Datasheet
57Kb / 5P
   PNP MEDIUM POWER TRANSISTORS
logo
NXP Semiconductors
BSR40 PHILIPS-BSR40 Datasheet
41Kb / 8P
   NPN medium power transistors
1999 Apr 28
BSX45 PHILIPS-BSX45 Datasheet
53Kb / 8P
   NPN medium power transistors
1997 Apr 23
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com