Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9987CY Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce SI9987CY
Description  Buffered H-Bridge
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9987CY Fiches technique(HTML) 4 Page - Vishay Siliconix

  SI9987CY Datasheet HTML 1Page - Vishay Siliconix SI9987CY Datasheet HTML 2Page - Vishay Siliconix SI9987CY Datasheet HTML 3Page - Vishay Siliconix SI9987CY Datasheet HTML 4Page - Vishay Siliconix SI9987CY Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si9987
Vishay Siliconix
www.vishay.com
4
Document Number: 70864
S-40132—Rev. D, 16-Feb-04
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
VDD − Supply Voltage (V)
0
3
6
9
12
15
0
50
100
150
200
Supply Current vs. Frequency
VDD = 13.2 V
f − Frequency (kHz)
5.5 V
3.8 V
0
100
200
300
400
500
600
3
6
9
12
15
Propagation Time vs. Supply Voltage
TPLH
TPHL
VDD
0
7
14
21
28
35
46
8
10
12
14
Supply Current vs. Supply Voltage
f = 500 kHz
VDD − Supply Voltage (v)
ROUT vs. VDD
ROUT vs. Junction Temperature (TJ)
Temperature (_C)
10.8 V
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
−50
−25
0
25
50
75
100
125
150
ROUT Normalized vs. Junction Temperature (TJ)
Temperature (_C)
85_C
0.1
0.2
0.3
0.4
0.5
−50
0
50
100
150
13.2 V
0.10
0.14
0.18
0.22
0.26
0.30
0.34
0.38
0.42
0.46
0.50
2
4
6
8
10
12
14
TA = 135_C
25_C
−40_C
4.5 V
5.5 V
VDD = 3.8 V
VDD = 10.8 V
VDD = 4.5 V


Numéro de pièce similaire - SI9987CY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9987CY-T1 VISHAY-SI9987CY-T1 Datasheet
153Kb / 7P
   Buffered H-Bridge
Rev. D, 16-Feb-04
More results

Description similaire - SI9987CY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9987CY-T1 VISHAY-SI9987CY-T1 Datasheet
153Kb / 7P
   Buffered H-Bridge
Rev. D, 16-Feb-04
SI9988 VISHAY-SI9988_04 Datasheet
129Kb / 8P
   Buffered H-Bridge
Rev. B, 19-Apr-04
SI9986 VISHAY-SI9986_05 Datasheet
73Kb / 5P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9987DY-T1-E3 VISHAY-SI9987DY-T1-E3 Datasheet
153Kb / 7P
   Buffered H-Bridge
Rev. D, 16-Feb-04
SI9986 VISHAY-SI9986 Datasheet
43Kb / 4P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9986 VISHAY-SI9986_07 Datasheet
125Kb / 6P
   Buffered H-Bridge
Rev. F, 22-Oct-07
SI9988 VISHAY-SI9988 Datasheet
35Kb / 5P
   Buffered H-Bridge
Rev. A, 09-Oct-00
SI9986 VISHAY-SI9986_V01 Datasheet
152Kb / 6P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
SI9987 VISHAY-SI9987_V01 Datasheet
152Kb / 6P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
SI9988 VISHAY-SI9988_V01 Datasheet
143Kb / 7P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com