Moteur de recherche de fiches techniques de composants électroniques |
|
SMAJ8.0 Fiches technique(PDF) 1 Page - RFE international |
|
SMAJ8.0 Fiches technique(HTML) 1 Page - RFE international |
|
1 / 1 page C5DB02 REV 2001 TRANSIENT VOLTAGE SUPPRESSOR DIODE Operating Teperature: -55°c to 150°c RF Working Break Down Maximum Maximum Reverse Part Peak Voltage Clamping Current & Leakage Number Reverse VBR @ IT Voltage *A Size *B Size *C Size Voltage (V) (mA) VRSM Current Leakage Device Current Leakage Device Current Leakage Device VRWM Min Max (V) IPPM at VNWM Marking IPPM at VNWM Marking IPPM at VNWM Marking (V) (A) IR(µA) Code (A) IR(µA) Code (A) IR(µA) Code SM*J5.0 5 6.4 7.3 10 9.6 32 800 AD 62.5 800 KD 164 1000 GDD SM*J5.0A 5 6.4 7 10 9.2 34 800 AE 65.2 800 KE 171 1000 GDE SM*J6.0 6 6.7 8.2 10 11.4 27.6 800 AF 52.6 800 KF 138 1000 GDF SM*J6.0A 6 6.7 7.4 10 10.3 30.5 800 AG 58.3 800 KG 152 1000 GDG SM*J6.5 6.5 7.2 8.8 10 12.3 25.6 500 AH 48.7 500 KH 128 500 GDH SM*J6.5A 6.5 7.2 8 10 11.2 28 500 AK 53.6 500 KK 140 500 GDK SM*J7.0 7 7.8 9.5 10 13.3 23.6 200 AL 45.1 200 KL 116 200 GDL SM*J7.0A 7 7.8 8.6 10 12 26 200 AM 50 200 KM 131 200 GDM SM*J7.5 7.5 8.3 10.3 1 14.3 22 100 AN 42 100 KN 110 100 GDN SM*J7.5A 7.5 8.3 9.2 1 12.9 24.4 100 AP 46.5 100 KP 122 100 GDP SM*J8.0 8 8.9 10.9 1 15 21 50 AQ 40 50 KQ 105 50 GDQ SM*J8.0A 8 8.9 9.8 1 13.6 23 50 AR 44.1 50 KR 115 50 GDR SM*J8.5 8.5 9.4 11.5 1 15.9 19.8 10 AS 37.7 20 KS 99 25 GDS SM*J8.5A 8.5 9.4 10.4 1 14.4 21.8 10 AT 41.7 20 KT 109 20 GDT SM*J9.0 9 10 12.2 1 16.9 18.6 5 AU 35.5 10 KU 93 10 GDU SM*J9.0A 9 10 11.1 1 15.4 20.4 5 AV 39 10 KV 102 10 GDV SM*J10 10 11.1 13.6 1 18.8 16.7 5 AW 31.9 5 KW 83 5 GDW SM*J10A 10 11.1 12.3 1 17 18.5 5 AX 35.3 5 KX 92 5 GDX SM*J11 11 12.2 14.9 1 20.1 15.6 5 AY 29.9 5 KY 78 5 GDY SM*J11A 11 12.2 13.5 1 18.2 17.3 5 AZ 33 5 KZ 86 5 GDZ SM*J12 12 13.3 16.3 1 22 14.3 5 BD 27.3 5 LD 71 5 GED SM*J12A 12 13.3 14.7 1 19.9 15.8 5 BE 30.2 5 LE 79 5 GEE SM*J13 13 14.4 17.6 1 23.8 13 5 BF 25 5 LF 66 5 GEF SM*J13A 13 14.4 15.9 1 21.5 14.6 5 BG 27.9 5 LG 73 5 GEG SM*J14 14 15.6 19.1 1 25.8 12.2 5 BH 23.3 5 LH 61 5 GEH SM*J14A 14 15.6 17.2 1 23.2 13.5 5 BK 25.8 5 LK 67 5 GEK SM*J15 15 16.7 20.4 1 26.9 11.7 5 BL 22.3 5 LL 58 5 GEL SM*J15A 15 16.7 18.5 1 24.4 12.9 5 BM 24 5 LM 64 5 GEM SM*J16 16 17.8 21.8 1 28.8 10.9 5 BN 20.8 5 LN 54 5 GEN SM*J16A 16 17.8 19.7 1 26 12 5 BP 16.7 5 LP 60 5 GEP SM*J17 17 18.9 23.1 1 30.5 10.3 5 BQ 18.5 5 LQ 51 5 GEQ SM*J17A 17 18.9 20.9 1 27.6 11.4 5 BR 15.2 5 LR 57 5 GER SM*J18 18 20 24.4 1 32.2 9.7 5 BS 16.9 5 LS 48 5 GES SM*J18A 18 20 22.1 1 29.2 10.7 5 BT 14 5 LT 53 5 GET SM*J20 20 22.2 27.1 1 35.8 8.7 5 BU 15.4 5 LU 43 5 GEU SM*J20A 20 22.2 24.5 1 32.4 9.7 5 BV 12.4 5 LV 48 5 GEV SM*J22 22 24.4 29.8 1 39.4 8 5 BW 12 5 LW 39 5 GEW SM*J22A 22 24.4 26.9 1 35.5 8.8 5 BX 13.2 5 LX 44 5 GEX SM*J24 24 26.7 32.6 1 43 7.3 5 BY 11.2 5 LY 36 5 GEY SM*J24A 24 26 . 7 29.5 1 38.9 8 5 BZ 12.4 5 LZ 40 5 GEZ SM*J26 26 28.9 35.3 1 46.6 6.7 5 CD 10.2 5 MD 33 5 GGD SM*J26A 26 28.9 31.9 1 42.1 7.4 5 CE 11.3 5 ME 37 5 GGE SM*J28 28 31.1 38 1 50 6.3 5 CF 9.3 5 MF 31 5 GGF SM*J28A 28 31.1 34.4 1 45.4 6.9 5 CG 10.3 5 MG 34 5 GGG SM*J30 30 33.3 40.7 1 53.5 5.8 5 CH 8.4 5 MH 29 5 GGH SM*J30A 30 33.3 36.8 1 48.4 6.5 5 CK 9.3 5 MK 32 5 GGK *Replace with A, B, or C, depending on wattage and size needed. SURFACE MOUNT TVS DIODE Electrical Characteristics, 5.0 to 30 Volts RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com |
Numéro de pièce similaire - SMAJ8.0 |
|
Description similaire - SMAJ8.0 |