Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF25B Fiches technique(PDF) 1 Page - Cynergy3 Co

No de pièce UF25B
Description  Non-invasive sensor technology
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYNERGY3 [Cynergy3 Co]
Site Internet  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

UF25B Fiches technique(HTML) 1 Page - Cynergy3 Co

  UF25B Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non-invasive sensor technology
Fully electronic, no moving parts
Automatic viscosity and
temperature compensation
Pulse or analogue output selectable
Low pressure drop
LED indication of no liquid &
of flow rate
Operation
Principle
Ultrasonic transit time in-line flow cell
Temp. range (fluid)
-10°C to 85°C
Continuous fluid sound
Maintains performance regardless of fluid type, temperature
or viscosity for speed measurement fluids with sound speeds
1250 - 1750 m/s
Interface
Connection 8 wires (RED supply +ve, BLACK ground, Blue NPN output, Yellow Data in, White PNP
output, Orange Voltage output, Brown Current output, Green Ground connected internally to black)
Supply
7.5 - 26VDC (input current <10mA @ 9VDC)
Output selectable
1000 pulses/L
0-5Vdc
4-20mA
Performance
Accuracy for flow rates between Q2 and Q4
3% of reading
Accuracy for flow rates between Q1 and Q2
5% of reading
Resolution better than
0.001L/min
Reverse flow
0-25L/min
Response time
Better than 0.1s
This innovative design provides a high accuracy, non-invasive, flow measurement
device at a fraction of the cost of other current non-invasive systems. The unique
measurement technique automatically compensates for viscosity and temperature
variations. The measurement of flow is by ultrasonic transit time in-line cell.
The flow path is designed to minimise pressure drop and, having no moving parts
within, will not clog or jam. The sensor also allows contaminants to pass through
without affecting its performance.
The sensor is supplied with pulse and analogue outputs, which are selectable by
connection wires..
Technical Specifications
Max. flow L/min (Q4)
25
Transitional flow L/min (Q2)
0.5
Min. flow L/min (Q1)
0.2
Output selectable
Pulse
Analogue
Cable length (cms)
Output (B = selectable)
Physical characteristics
Flow tube material
Glass filled plastic, Grivory HTV-4FWA Black 9225
(FDA and EU approved for ffodstuffs)
Flow tube internal diameter
10mm
Connection thread
3/8” BSP
Internal bore of connection
10mm
Suitable Pushfit adaptor (to fit 1/2” OD Tube)
John Guest Speedfit PI451613S
Maximum pressure
10 bar
Case material
ABS black, Polylac PA-757
Case integrity
Ultrasonically welded, not liquid proof
Connection
8 core, PVC sheathed, 100cm long standard
Environmental protection
Internal electronics conformally coated.
UF 25 B 100
Ordering Code
Series
Flow range (25= 0 to 25L/min)
Ultrasonic Flow Meter UF25B
Ultrasonic Flow Meter UF25B
cynergy


Numéro de pièce similaire - UF25B

FabricantNo de pièceFiches techniqueDescription
logo
Mechatronics, Inc.
UF250APA MECHATRONICS-UF250APA Datasheet
377Kb / 1P
   AC IMPELLERS
UF250APA-F MECHATRONICS-UF250APA-F Datasheet
466Kb / 1P
   AC IMPELLERS
logo
List of Unclassifed Man...
UF250APA12-H1C2A ETC2-UF250APA12-H1C2A Datasheet
385Kb / 1P
   AC IMPELLERS
logo
Mechatronics, Inc.
UF250APA12-H1C2A MECHATRONICS-UF250APA12-H1C2A Datasheet
377Kb / 1P
   AC IMPELLERS
logo
List of Unclassifed Man...
UF250APA12-H1C2F ETC2-UF250APA12-H1C2F Datasheet
479Kb / 1P
   AC IMPELLERS
More results

Description similaire - UF25B

FabricantNo de pièceFiches techniqueDescription
logo
JL World Company Limite...
MPS-500G JLWORLD-MPS-500G Datasheet
1Mb / 6P
   Uncompensated, Non-Invasive Medical Pressure Sensor.
logo
Cynergy3 Co
UF08B CYNERGY3-UF08B Datasheet
692Kb / 1P
   device at a fraction of the cost of other current non-invasive systems
logo
AVX Corporation
NOJA106M010RWJ AVX-NOJA106M010RWJ Datasheet
124Kb / 5P
   Non-burn safe technology
logo
Advanced Thermal Soluti...
ATVS-2020 ATS-ATVS-2020 Datasheet
434Kb / 1P
   Single Sensor Technology
R2_0215
logo
Kemet Corporation
LDEDD3330JA5N00 KEMET-LDEDD3330JA5N00 Datasheet
1Mb / 16P
   Non-encapsulated construction, Stacked technology
logo
Cherry Semiconductor Co...
JD-0800EU-2 CHERRY-JD-0800EU-2 Datasheet
147Kb / 2P
   Optical Sensor technology:1200dpi
logo
TT Electronics.
SX-4417 TTELEC-SX-4417 Datasheet
529Kb / 3P
   Non-Contacting Steering Sensor
logo
TOCOSAMERICA, INC.
RSC24 TOCOS-RSC24 Datasheet
541Kb / 2P
   NON-CONTACT ANGLE SENSOR
logo
Texas Instruments
TSPR1A170100 TI-TSPR1A170100 Datasheet
270Kb / 15P
[Old version datasheet]   Liquid Sensor Microcomponents Technology Center
logo
Endress+Hauser Group Se...
CPS41E EH-CPS41E Datasheet
866Kb / 12P
   pH sensor for process technology
2020-08-10
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com