Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PAS106BCA-323 Fiches technique(PDF) 14 Page - Pixart Imaging Inc.

No de pièce PAS106BCA-323
Description  PAS106BCA-323 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBA-323 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PIXART [Pixart Imaging Inc.]
Site Internet  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS106BCA-323 Fiches technique(HTML) 14 Page - Pixart Imaging Inc.

Back Button PAS106BCA-323 Datasheet HTML 6Page - Pixart Imaging Inc. PAS106BCA-323 Datasheet HTML 7Page - Pixart Imaging Inc. PAS106BCA-323 Datasheet HTML 8Page - Pixart Imaging Inc. PAS106BCA-323 Datasheet HTML 9Page - Pixart Imaging Inc. PAS106BCA-323 Datasheet HTML 10Page - Pixart Imaging Inc. PAS106BCA-323 Datasheet HTML 11Page - Pixart Imaging Inc. PAS106BCA-323 Datasheet HTML 12Page - Pixart Imaging Inc. PAS106BCA-323 Datasheet HTML 13Page - Pixart Imaging Inc. PAS106BCA-323 Datasheet HTML 14Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
PixArt Imaging Inc.
PAS106BCA-323/PAS106BBA-323
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
14/14
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.0, May 2002
8. Referencing Circuit Schematic
V2.1
PAS106_SENSOR-32PINS.opj
A4
1
1
Wednesday, May 22, 2002
Title
Size
Document Number
Rev
Date:
Sheet
of
VDDD
VDDA
3.3V
PXD3
HSYNC
PXCLK
PXD1
SYSCLK
PXD6
PXD5
PXD8
PXD2
PXD4
VSYNC
PXD7
PXD0
PXD9
SCL
SDA
VLRST
VDDA
AGND
VLRST
VDDA
DGND
VDDD
VDDD
DGND
VDDD
CSB
C9
0.1uF
C6
1uF
C7
1uF
C8
1uF
C5
10uF
L2
3.3UH
PAS106BCA-323
PAS106BBA-323
U2
PAS106_32
32
1
2
3
13
14
15
16
17
18
19
29
30
31
4
20
VLRST
VSSA
VRB
VRT
PXD7
PXD6
PXD5
PXD4
VDDQ
VSSQ
PXD3
VDDD
VSSD
VSSA
VCM
PXD2
C1
0.1uF
C2
0.1uF
C4
0.1uF
L1
3.3UH
C12
10uF
C11
1uF
C14
1uF
C13
10uF
R2
300k
C3
0.1uF
C10
0.1uF
R3
300k
R4
4.7k
R5
4.7k
1
2
R1
300k
CSB_SW
NOTES on capacitors:
1.The 0.1uF caps for power pins
MUST have trace
lengths LESS than 5mm.
2.C5,C7 and C8 for pins 2,3 and 4 MUST have
trace lengths LESS than 5mm.


Numéro de pièce similaire - PAS106BCA-323

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
PAS106BCA ETC-PAS106BCA Datasheet
333Kb / 2P
   CIF COLOR CMOS IMAGE SENSOR
More results

Description similaire - PAS106BCA-323

FabricantNo de pièceFiches techniqueDescription
logo
Pixart Imaging Inc.
PAS106BCB-283 PIXART-PAS106BCB-283 Datasheet
109Kb / 15P
   PAS106BCB-283 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBB-283 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
logo
List of Unclassifed Man...
PAS106B ETC-PAS106B Datasheet
333Kb / 2P
   CIF COLOR CMOS IMAGE SENSOR
logo
Pixart Imaging Inc.
PAS202BCA PIXART-PAS202BCA Datasheet
124Kb / 15P
   PAS202BCA SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBA SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PAS202BCB PIXART-PAS202BCB Datasheet
115Kb / 15P
   PAS202BCB SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBB SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PAC207BCA PIXART-PAC207BCA Datasheet
96Kb / 11P
   SINGLE-CHIP CIF CMOS IMAGE SENSOR WITH USB INTERFACE
logo
List of Unclassifed Man...
ICM102A ETC1-ICM102A Datasheet
306Kb / 15P
   ICM102A CIF CMOS image sensor
VV5404 ETC-VV5404 Datasheet
864Kb / 42P
   CIF FORMAT DIGITAL IMAGE SENSOR
OV6620 ETC-OV6620 Datasheet
341Kb / 31P
   SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
OV6630 ETC-OV6630 Datasheet
206Kb / 29P
   SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
ICM202B ETC1-ICM202B Datasheet
454Kb / 36P
   CIF/QCIF CMOS image sensor with digital YUV output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com