Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PAS106BCA-323 Fiches technique(PDF) 6 Page - Pixart Imaging Inc.

No de pièce PAS106BCA-323
Description  PAS106BCA-323 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBA-323 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PIXART [Pixart Imaging Inc.]
Site Internet  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS106BCA-323 Fiches technique(HTML) 6 Page - Pixart Imaging Inc.

Back Button PAS106BCA-323 Datasheet HTML 2Page - Pixart Imaging Inc. PAS106BCA-323 Datasheet HTML 3Page - Pixart Imaging Inc. PAS106BCA-323 Datasheet HTML 4Page - Pixart Imaging Inc. PAS106BCA-323 Datasheet HTML 5Page - Pixart Imaging Inc. PAS106BCA-323 Datasheet HTML 6Page - Pixart Imaging Inc. PAS106BCA-323 Datasheet HTML 7Page - Pixart Imaging Inc. PAS106BCA-323 Datasheet HTML 8Page - Pixart Imaging Inc. PAS106BCA-323 Datasheet HTML 9Page - Pixart Imaging Inc. PAS106BCA-323 Datasheet HTML 10Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PixArt Imaging Inc.
PAS106BCA-323/PAS106BBA-323
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
6/14
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.0, May 2002
5. I2C Bus
PAS106BCA-323/PAS106BBA-323 supports I2C-bus transfer protocol and is acting as slave device. The 7
bits unique slave address is 1000000 and supports receiving / transmitting speed up to 400kHz.
5.1 I2C bus overview
§ Only two wires SDA (serial data) and SCL (serial clock) carry information between the devices connected
to the I2C bus. Normally both SDA and SCL lines are open collector structure and pull high by external
pull-up resistors.
§ Only the master can initiates a transfer (start), generates clock signals, and terminates a transfer (stop).
§ Start and stop condition: A high to low transition of the SDA line while SCL is high defines a start
condition. A low to high transition of the SDA line while SCL is high defines a stop condition. Please
refer to Fig 5.1.
§ Valid data: The data on the SDA line must be stable during the high period of the SCL clock. Within each
byte, MSB is always transferred first. Read/write control bit is the LSB of the first byte. Please refer to
Fig 5.2.
§ Both the master and slave can transmit and receive data from the bus.
§ Acknowledge: The receiving device should pull down the SDA line during high period of the SCL clock
line when a complete byte was transferred by transmitter. In the case of a master received data from a
slave, the master does not generate an acknowledgment on the last byte to indicate the end of a master
read cycle.
Fig 5.1 Start and Stop Conditions
S
Start
Condition
SDA
SCL
P
Stop
Condition


Numéro de pièce similaire - PAS106BCA-323

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
PAS106BCA ETC-PAS106BCA Datasheet
333Kb / 2P
   CIF COLOR CMOS IMAGE SENSOR
More results

Description similaire - PAS106BCA-323

FabricantNo de pièceFiches techniqueDescription
logo
Pixart Imaging Inc.
PAS106BCB-283 PIXART-PAS106BCB-283 Datasheet
109Kb / 15P
   PAS106BCB-283 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBB-283 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
logo
List of Unclassifed Man...
PAS106B ETC-PAS106B Datasheet
333Kb / 2P
   CIF COLOR CMOS IMAGE SENSOR
logo
Pixart Imaging Inc.
PAS202BCA PIXART-PAS202BCA Datasheet
124Kb / 15P
   PAS202BCA SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBA SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PAS202BCB PIXART-PAS202BCB Datasheet
115Kb / 15P
   PAS202BCB SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBB SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PAC207BCA PIXART-PAC207BCA Datasheet
96Kb / 11P
   SINGLE-CHIP CIF CMOS IMAGE SENSOR WITH USB INTERFACE
logo
List of Unclassifed Man...
ICM102A ETC1-ICM102A Datasheet
306Kb / 15P
   ICM102A CIF CMOS image sensor
VV5404 ETC-VV5404 Datasheet
864Kb / 42P
   CIF FORMAT DIGITAL IMAGE SENSOR
OV6620 ETC-OV6620 Datasheet
341Kb / 31P
   SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
OV6630 ETC-OV6630 Datasheet
206Kb / 29P
   SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
ICM202B ETC1-ICM202B Datasheet
454Kb / 36P
   CIF/QCIF CMOS image sensor with digital YUV output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com